Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSU37 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # TSU37
Description  2nd RF Units for BS Digital Broadcasting Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

TSU37 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  TSU37 Datasheet HTML 1Page - Mitsumi Electronics, Corp. TSU37 Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MITSUMI
2nd RF Units for BS Digital Broadcasting Receiver
TSU37 Series
OUTLINE
This is an ultra-small second RF unit for BS
digital broadcast/reception, incorporating a
demodulation IC and capable of receiving BS
digital, 110 degree CS and conventional CS.
Because it is ultra-small with a single power
supply, it can be used for a variety of purposes,
such as thin receivers.
DBS 2nd RF Units, CATV Converters
FEATURES
1. Excellent BER characteristics even for 110 degree CS reception. (8PSK, 950 - 2150MHz)
2. Ultra-small size achieved through adoption of direct conversion IC in the RF section. (20cc)
3. Contains ISDB high-function and high-performance demodulation IC that supports ISDB-S.
4. High sensitivity (-80dBm, typ.) with good interference characteristics.
5. Excellent phase noise characteristics and high C/N margin.
6. Supports virtical/horizontal configuration. (Ideal for slim TVs, PC expansion slots, etc.)
7. Supply voltage driven by 3.3V single power supply.
SPECIFICATIONS
Item
Specifications
Input Frequency Range
950~2150MHz
Input Level Range
-65~-25dBm
Input Impedance
75
Return Loss
-7dB max.
Symbol Rate Range
28.86Mbaud
Modulation Type
TC8PSK, QPSK, BPSK
Demodulator Standard
Based on ISDB-S
FEC Rates
BPSK, QPSK (1/2, 2/3, 3/4, 5/6, 7/8), TC8PSK (2/3)
Output Data
8bit parallel TS/serial TS
Controller Bus Interface
I2C bus controll
Power Supply Voltage
3.3V
Dimension (Mounting area)
56.7 (W)
28.1 (D)
12.4 (H)mm
*Note Specifications subject to change without notice.


Similar Part No. - TSU37

ManufacturerPart #DatasheetDescription
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
TSU-100G EPSON-TSU-100G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson Company
TSU-20G EPSON-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
TSU-70G EPSON-TSU-70G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
More results

Similar Description - TSU37

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TSU9 MITSUBISHI-TSU9 Datasheet
113Kb / 2P
   2nd RF Units for Digital Satellite Broadcasting Receiver
logo
Panasonic Semiconductor
AN8946SB PANASONIC-AN8946SB Datasheet
86Kb / 10P
   FM demodulation IC for BS/CS broadcasting
logo
Raltron Electronics Cor...
RSF-38.912-15000-9148-TR RALTRON-RSF-38.912-15000-9148-TR Datasheet
73Kb / 1P
   For Digital Audio Broadcasting
logo
Soshin electric Co., Lt...
BP37.15MHZ-2271 SOSHIN-BP37.15MHZ-2271 Datasheet
90Kb / 1P
   Digital Broadcasting
logo
Oscilent Corporation
815-IF115.24M-A OSCILENT-815-IF115.24M-A Datasheet
138Kb / 2P
   Digital Broadcasting
logo
Toshiba Semiconductor
TA8804F TOSHIBA-TA8804F Datasheet
430Kb / 16P
   FM DEMODULATION IC FOR BROADCASTING SATELLITE RECEIVER
logo
Infineon Technologies A...
TUA6100B6 INFINEON-TUA6100B6 Datasheet
819Kb / 46P
   Components for Satellite Receiver Units
01.2001 , V219
logo
Hirose Electric
DX10LM-14SE HIROSE-DX10LM-14SE Datasheet
409Kb / 7P
   D-configuration Connectors for Digital Broadcasting Equipment
logo
NIHON DEMPA KOGYO
WF555E0037KB NDK-WF555E0037KB Datasheet
348Kb / 1P
   IF SAW filter for digital terrestrial broadcasting.
logo
Mitsumi Electronics, Co...
DCA-C18 MITSUMI-DCA-C18 Datasheet
98Kb / 2P
   Film Antenna for Digital Terrestrial Broadcasting Reception
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com