Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC3-243.3DRWZH4AM Datasheet(PDF) 3 Page - Recom International Power

Part # REC3-243.3DRWZH4AM
Description  3 Watt DIP24 & SMD Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3-243.3DRWZH4AM Datasheet(HTML) 3 Page - Recom International Power

  REC3-243.3DRWZH4AM Datasheet HTML 1Page - Recom International Power REC3-243.3DRWZH4AM Datasheet HTML 2Page - Recom International Power REC3-243.3DRWZH4AM Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
19.90
9 10 11 12
24 23 22
16 15 14 13
21 20
1
3
25
4
1
31.40
25.40
10.90
Bottom View
11 x 2.54
Pin area
0.1 x 0.50
0.50
32.00
11.20
2.54
24.64
27.94
26.67
1.54
2.03
Top View
20.30
3.81
6.35
2.54
23.40
3.81
4.60
Bottom View
Top View
11
9
3
2
14
16
22
23
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.20
20.30
2.54
3.81
2.06
1
Bottom View
Top View
12
11
10
2
13
15
23
24
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.20
20.30
2.54
3rd angle
projection
Recommended Footprint Details
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1
Package A
Package C
Mechanical drawings of DIP24 SMD case
REC3-S_DRW(Z)
/H4,H6Series
ECONOLINE
DC/DC-Converter
Pin Connections
Pin #
Single
Dual
2
–Vin
–Vin
3
–Vin
–Vin
9
NC
Com
11
NC
–Vout
14
+Vout
+Vout
16
–Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
NC = No Connection
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
+Vin
+Vin
10
NC
Com
11
NC
Com
12
–Vout
NC
13
+Vout
–Vout
15
NC
+Vout
23
–Vin
–Vin
24
–Vin
–Vin
NC = No Connection
Tol.: ± 0.35 mm
for all packages incl.SMD case the length of plastic case is 31,8mm, length of metal case 32.0mm
Recommended Footprint Details
All unused pins are
NC (No Connection).
SMD pin connections
follow standard
package pinning.
14-February-2007
113
www.recom-international.com


Similar Part No. - REC3-243.3DRWZH4AM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-243.3SR RECOM-REC3-243.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-243.3SR/H1 RECOM-REC3-243.3SR/H1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
REC3-243.3SRH1 RECOM-REC3-243.3SRH1 Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-243.3SRH1SMD RECOM-REC3-243.3SRH1SMD Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-243.3SRW RECOM-REC3-243.3SRW Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC3-243.3DRWZH4AM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DRW RECOM-REC3-S-DRW Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-2405SD RECOM-RP03-2405SD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-1205SC RECOM-RP03-1205SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRWH4 RECOM-REC3-123.3SRWH4 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DR RECOM-REC3-S-DR Datasheet
93Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com