Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF20N50 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDPF20N50
Description  500V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF20N50 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDPF20N50 Datasheet HTML 1Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 2Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 3Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 4Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 5Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 6Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 7Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 8Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDP20N50 / FDPF20N50 Rev. B
February 2007
UniFET
TM
FDP20N50 / FDPF20N50
500V N-Channel MOSFET
Features
• 20A, 500V, RDS(on) = 0.23Ω @VGS = 10 V
• Low gate charge ( typical 45.6 nC)
•Low Crss ( typical 27 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize
on-state
resistance,
provide
superior
switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies and active power factor
correction.
Absolute Maximum Ratings
Thermal Characteristics
TO-220
FDP Series
G
S
D
TO-220F
FDPF Series
G
S
D
D
G
S
Symbol
Parameter
FDP20N50
FDPF20N50
Unit
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
20
12.9
20 *
12.9 *
A
A
IDM
Drain Current
- Pulsed
(Note 1)
80
80 *
A
VGSS
Gate-Source voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1110
mJ
IAR
Avalanche Current
(Note 1)
20
A
EAR
Repetitive Avalanche Energy
(Note 1)
25
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
250
2.0
62
0.5
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
FDP20N50
FDPF20N50
Unit
RθJC
Thermal Resistance, Junction-to-Case
0.5
2.0
°C/W
RθCS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W
* Drain current limited by maximum junction temperature


Similar Part No. - FDPF20N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF20N50 ISC-FDPF20N50 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDPF20N50FT FAIRCHILD-FDPF20N50FT Datasheet
429Kb / 10P
   N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?
logo
Inchange Semiconductor ...
FDPF20N50FT ISC-FDPF20N50FT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDPF20N50T FAIRCHILD-FDPF20N50T Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
FDPF20N50T FAIRCHILD-FDPF20N50T Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results

Similar Description - FDPF20N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com