Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF51N25 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDPF51N25
Description  FDPF51N25
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF51N25 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDPF51N25 Datasheet HTML 1Page - Fairchild Semiconductor FDPF51N25 Datasheet HTML 2Page - Fairchild Semiconductor FDPF51N25 Datasheet HTML 3Page - Fairchild Semiconductor FDPF51N25 Datasheet HTML 4Page - Fairchild Semiconductor FDPF51N25 Datasheet HTML 5Page - Fairchild Semiconductor FDPF51N25 Datasheet HTML 6Page - Fairchild Semiconductor FDPF51N25 Datasheet HTML 7Page - Fairchild Semiconductor FDPF51N25 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
FDPF51N25 Rev. A
Mechanical Dimensions
(7.00)
(0.70)
MAX1.47
#1
10.16 ±0.20
(1.00x45
°)
2.54 ±0.20
0.80 ±0.10
9.40 ±0.20
2.76 ±0.20
0.35 ±0.10
ø3.18 ±0.10
2.54TYP
[2.54 ±0.20]
2.54TYP
[2.54 ±0.20]
0.50
+0.10
–0.05
TO-220F


Similar Part No. - FDPF51N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF51N25 FAIRCHILD-FDPF51N25 Datasheet
2Mb / 10P
   250V N-Channel MOSFET
FDPF51N25 FAIRCHILD-FDPF51N25 Datasheet
518Kb / 11P
   N-Channel UniFETTM MOSFET 250 V, 51 A, 60 m廓
FDPF51N25 FAIRCHILD-FDPF51N25 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDPF51N25 ISC-FDPF51N25 Datasheet
313Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDPF51N25RDTU FAIRCHILD-FDPF51N25RDTU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com