Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN-0512S Datasheet(PDF) 1 Page - Recom International Power

Part # RN-0512S
Description  1.25 Watt DIP8 Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RN-0512S Datasheet(HTML) 1 Page - Recom International Power

  RN-0512S Datasheet HTML 1Page - Recom International Power RN-0512S Datasheet HTML 2Page - Recom International Power RN-0512S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
59
July-2006
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
DIP 8
(2kV)
(VDC)
(VDC)
(mA)
(%)
RN-xx3.3S
(H)
3.3, 5, 9, 12, 15, 24
3.3
378
70
RN-xx05S
(H)
3.3, 5, 9, 12, 15, 24
5
250
70-72
RN-xx07S
(H)
3.3, 5, 9, 12, 15, 24
7
180
72-75
RN-xx09S
(H)
3.3, 5, 9, 12, 15, 24
9
140
75-80
RN-xx12S
(H)
3.3, 5, 9, 12, 15, 24
12
104
79-82
RN-xx15S
(H)
3.3, 5, 9, 12, 15, 24
15
84
80-84
RN-xx24S
(H)
3.3, 5, 9, 12, 15, 24
24
52
80-85
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g. RN-0505S/P, RN-0505S/HP
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
75mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 75% typ.
No Load Power Consumption
106mW min. / 153mW typ. / 210mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
30pF min. / 95pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
1.9g
MTBF (+25°C)
using MIL-HDBK 217F
955 x 10
3 hours
(+85°C)
using MIL-HDBK 217F
132 x 10
3 hours
1.25 Watt
DIP8
Single Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RN
Series
Custom Solutions Available
1kVDC & 2kVDC Isolation
No External Components Required
Optional Continuous Short Circuit Protected
UL94V-0 Package Material
No Heatsink Required
Efficiency to 85%
Features
Unregulated
Converters
}DetailedInformationsee
Application Notes chapter "MTBF"
EN-60950-1 Certified


Similar Part No. - RN-0512S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RN-0512S RECOM-RN-0512S Datasheet
95Kb / 3P
   1.25 Watt DIP8 Sigle Output
More results

Similar Description - RN-0512S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RN-3.33.3S RECOM-RN-3.33.3S Datasheet
95Kb / 3P
   1.25 Watt DIP8 Sigle Output
RM-1.81.8S RECOM-RM-1.81.8S Datasheet
101Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
RM-1.81.8S RECOM-RM-1.81.8S_06 Datasheet
100Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
logo
PEAK electronics GmbH
P7BU-XXXXE PEAK-P7BU-XXXXE Datasheet
240Kb / 2P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
P7BU-0505E PEAK-P7BU-0505E Datasheet
244Kb / 3P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
logo
Recom International Pow...
R2M RECOM-R2M Datasheet
943Kb / 6P
   2 Watt DIP8 & SMD Single & Dual Output
REV.: 2/2023
logo
PEAK electronics GmbH
P6KU-0505E PEAK-P6KU-0505E Datasheet
245Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8
logo
Power-One
DRS505 POWER-ONE-DRS505 Datasheet
1Mb / 2P
   1.25 WATT
logo
PEAK electronics GmbH
P3BU-053R3E PEAK-P3BU-053R3E Datasheet
234Kb / 2P
   P3BU-XXXXE 1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT DIP8
P2BU-0505E PEAK-P2BU-0505E Datasheet
245Kb / 2P
   P2BU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT DIP8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com