Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRM7P-J Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # TRM7P-J
Description  RF Module for Cordless Telephone in Japan Use
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

TRM7P-J Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  TRM7P-J Datasheet HTML 1Page - Mitsumi Electronics, Corp. TRM7P-J Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MITSUMI
RF Module for Cordless Telephone in Japan Use
DIMENSIONS
SPECIFICATIONS
Item
Specifications
Unit
HAND
Standard Voltage
2.4
V
Current Consumption
Communication52/Stand-by21
mA
Weight
13
g
RECEIVER
Reference Sensitivity
-4dBµV
Signal to Noise Ratio
50
dB
Total Harmonic Distortion
1%
Spurious Response
60
dB
Spurious Emissions
-65
dBm
Adjacent Channel Selectivity
60
dB
Audio Output Level
140
mVrms
TRANSMITTER
Carrier Power
8mW
Frequency Error
±3.8 (max.)
ppm
Spurious Emissions
-50
dBm
Total Harmonic Distortion
0.4
%
Signal to Noise Ratio
45
dB
*Audio FM Deviation
1.5
kHz
*Audio Input Level : 100mVrms.
Unit : mm
*For the technical details of the products in this page, please refer to Marketing & Engineering Div., AVC Business Div., Network Devices Business HQ. Phone: 046 (230) 3480.
TRM7P-J01H
TERMINALS
1. RX-ANT
10. DATA
2. GND
11. CLK
3. TX-ANT
12. NC
4. RSSI
13. RF-SW
5. C-SENS
14. MOD-IN
6. +B
15. GND
7. AF-OUT
16. +B-SW
8. STB
17. DC-OUT
9. LOCK
TERMINALS
1. TX/RX-ANT
9. DATA
2. GND
10. CLK
3. RSSI
11. NC
4. C-SENS
12. RF-SW
5. +B
13. MOD-IN
6. AF-OUT
14. GND
7. STB
15. +B-SW
8. LOCK
16. DC-OUT
TRM7F-J01H


Similar Part No. - TRM7P-J

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRM7P-J

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
TRM5P MITSUMI-TRM5P Datasheet
105Kb / 2P
   RF Module for Cordless Telephone in Japan Use
logo
Advanced Crystal Techno...
ACTF14-59 ACT-ACTF14-59 Datasheet
45Kb / 3P
   Compact RF duplexer for cordless telephone CT1
SEPT 04
logo
Toshiba Semiconductor
TB31261AF TOSHIBA-TB31261AF Datasheet
2Mb / 26P
   RF 1CHIP IC FOR 900Mhz CORDLESS TELEPHONE
TB31224F TOSHIBA-TB31224F Datasheet
1Mb / 39P
   RF 1CHIP IC FOR 46/49MHZ CORDLESS TELEPHONE
1997-03-07
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
   Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
RF Micro Devices
TA0016 RFMD-TA0016 Datasheet
43Kb / 4P
   EUROPEAN APPLICANTIONS FOR RF 403 CORDLESS TELEPHONE FRONT END RFIC
logo
UMC Corporation
UM9310 UMC-UM9310 Datasheet
918Kb / 14P
   Cordless Telephone Controller
logo
Toshiba Semiconductor
TB31214FN TOSHIBA-TB31214FN Datasheet
631Kb / 18P
   PLL FREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com