Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13-K Datasheet(PDF) 8 Page - Mitsumi Electronics, Corp.

Part # C13-K
Description  Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C13-K Datasheet(HTML) 8 Page - Mitsumi Electronics, Corp.

Back Button C13-K Datasheet HTML 4Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 5Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 6Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 7Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 8Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 9Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 10Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 11Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 12Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MITSUMI
Power Inductors
DATA LIST (C5-K3RA Series)
C5-K3RA (Height : 3mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
17
3.70
3.90
DC
1R5
1.5
±30
1kHz
-
20
3.30
3.50
DE
2R2
2.2
±30
1kHz
-
23
3.10
3.20
DF
2R7
2.7
±30
1kHz
-
27
2.70
2.80
DH
3R9
3.9
±30
1kHz
-
30
2.20
2.70
DJ
4R7
4.7
±30
1kHz
-
35
2.10
2.50
DK
5R6
5.6
±30
1kHz
-
41
2.00
2.40
DL
6R8
6.8
±30
1kHz
-
50
1.90
2.20
DM
8R2
8.2
±30
1kHz
-
55
1.85
2.15
EA
100
10
±20
1kHz
-
60
1.80
2.10
EB
120
12
±20
1kHz
-
80
1.40
1.60
EC
150
15
±20
1kHz
-
100
1.25
1.55
ED
180
18
±20
1kHz
-
115
1.20
1.45
EE
220
22
±20
1kHz
-
145
1.10
1.40
EF
270
27
±20
1kHz
-
170
1.00
1.20
EG
330
33
±20
1kHz
-
200
0.90
0.95
EH
390
39
±20
1kHz
-
265
0.75
0.90
EJ
470
47
±20
1kHz
-
295
0.70
0.80
EK
560
56
±20
1kHz
-
352
0.63
0.76
EL
680
68
±20
1kHz
-
393
0.61
0.71
EM
820
82
±20
1kHz
-
490
0.52
0.65
FA
101
100
±20
1kHz
-
550
0.50
0.60
FB
121
120
±20
1kHz
-
666
0.45
0.55
FC
151
150
±20
1kHz
-
850
0.40
0.50
DATA LIST (C6-K1.8R Series)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
24
5.00
3.10
DC
1R5
1.5
±30
1kHz
-
31
4.00
2.40
DE
2R2
2.2
±30
1kHz
-
35
3.10
2.10
DG
3R3
3.3
±30
1kHz
-
46
2.90
1.90
DH
3R9
3.9
±30
1kHz
-
54
2.80
1.80
DJ
4R7
4.7
±30
1kHz
-
58
2.50
1.70
DK
5R6
5.6
±30
1kHz
-
70
2.30
1.60
DL
6R8
6.8
±30
1kHz
-
79
2.20
1.50
DM
8R2
8.2
±30
1kHz
-
94
2.00
1.45
EA
100
10
±20
1kHz
-
105
1.80
1.40
EB
120
12
±20
1kHz
-
123
1.60
1.35
EC
150
15
±20
1kHz
-
135
1.40
1.30
ED
180
18
±20
1kHz
-
183
1.30
1.05
EE
220
22
±20
1kHz
-
210
1.20
1.00
EF
270
27
±20
1kHz
-
280
1.10
0.90
EG
330
33
±20
1kHz
-
320
1.00
0.85
EH
390
39
±20
1kHz
-
355
0.90
0.75
EJ
470
47
±20
1kHz
-
430
0.80
0.67
EK
560
56
±20
1kHz
-
485
0.75
0.64
EL
680
68
±20
1kHz
-
615
0.68
0.60
EM
820
82
±20
1kHz
-
685
0.62
0.55
FA
101
100
±20
1kHz
-
1050
0.55
0.44
FB
121
120
±20
1kHz
-
1170
0.51
0.40
FC
151
150
±20
1kHz
-
1360
0.48
0.36
C6-K1.8R (Height : 1.9mm max.)


Similar Part No. - C13-K

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
C13-0126 MARKIMICROWAVE-C13-0126 Datasheet
277Kb / 3P
   DIRECTIONAL COUPLER
C13-0140 MARKIMICROWAVE-C13-0140 Datasheet
280Kb / 3P
   DIRECTIONAL COUPLER
C13-0150 MARKIMICROWAVE-C13-0150 Datasheet
227Kb / 3P
   DIRECTIONAL COUPLER
logo
Mitsumi Electronics, Co...
C13-FR MITSUMI-C13-FR Datasheet
78Kb / 6P
   Power Inductors
More results

Similar Description - C13-K

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com