Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3092A Datasheet(PDF) 6 Page - Mitsumi Electronics, Corp.

Part # MM3092A
Description  Low-Ripple, Low-Saturation CMOS Regulators Monolithic IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3092A Datasheet(HTML) 6 Page - Mitsumi Electronics, Corp.

  MM3092A Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3092A Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3092A Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3092A Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3092A Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3092A Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3092A Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3092A Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUMI
Low-Ripple, Low-Saturation CMOS Regulators MM309X/MM310X Series
Output Voltage
No-Load Input Current
0.0
3
16
5
4
2
0
Input Voltage VIN(V)
1.5
1.0
0.5
2.0
3.0
2.5
IO=150mA
IO=30mA
IO=1mA
0
3
16
5
4
2
0
Input Voltage VIN(V)
30
25
20
15
10
5
40
35
50
45
Line Regulation
-1.0
5.5
4
3.5
6
4.5
5
3
Input Voltage VIN(V)
0.0
-0.2
-0.4
-0.6
-0.8
1.0
0.6
0.4
0.2
0.8
IO=30mA
Load Regulation
Dropout Voltage
-150
50
150
100
0
Output Current IO(mA)
0
-50
-100
150
100
50
0.00
50
150
100
0
Output Current IO(mA)
0.20
0.10
0.40
0.30
VIN=2.6V, IO=10mA
Current Limit
0.0
100
200
400
300
0
Output Current IO(mA)
1.5
0.5
1.0
3.0
2.0
2.5
VIN=3.8V
VIN=5.0V
VIN=6.0V
Characteristics (2.8V product Except where noted therwise, Ta=25°C, VIN=VO+1V, VCE=VDD, CIN=2.2µF, CO=2.2µF)


Similar Part No. - MM3092A

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3097 MITSUMI-MM3097 Datasheet
87Kb / 8P
   White LED Driver ICs
More results

Similar Description - MM3092A

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1097 MITSUMI-MM1097 Datasheet
47Kb / 3P
   Low Saturation Motor Driver Monolithic IC
MM159X MITSUMI-MM159X Datasheet
86Kb / 8P
   Low-Saturation 300mA Regulators
logo
Sanyo Semicon Device
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1848MC SANYO-LB1848MC Datasheet
150Kb / 6P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
logo
Sanyo Semicon Device
LB1938FA SANYO-LB1938FA Datasheet
115Kb / 5P
   Monolithic Digital IC 1ch, Low-saturation Forward/Reverse Motor Driver
logo
Panasonic Battery Group
AN260XXA PANASONICBATTERY-AN260XXA Datasheet
172Kb / 1P
   SiGeC Bi-CMOS Monolithic IC, Low Noise Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com