Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ493P Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDZ493P
Description  P-Channel 2.5V Specified PowerTrench BGA MOSFET -20V, -4.6A, 46mohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ493P Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDZ493P Datasheet HTML 1Page - Fairchild Semiconductor FDZ493P Datasheet HTML 2Page - Fairchild Semiconductor FDZ493P Datasheet HTML 3Page - Fairchild Semiconductor FDZ493P Datasheet HTML 4Page - Fairchild Semiconductor FDZ493P Datasheet HTML 5Page - Fairchild Semiconductor FDZ493P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDZ493P Rev.B(W)
www.fairchildsemi.com
5
Dimensional Pad and Layout


Similar Part No. - FDZ493P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDZ4.3 FS-FDZ4.3 Datasheet
259Kb / 3P
   Zener Diode
FDZ4.3E FS-FDZ4.3E Datasheet
405Kb / 6P
   Zener Voltage Regulators
FDZ4.3F FS-FDZ4.3F Datasheet
415Kb / 4P
   Zener Voltage Regulators
FDZ4.3SOD723 FS-FDZ4.3SOD723 Datasheet
603Kb / 5P
   ZENER DIODE
FDZ4.7 FS-FDZ4.7 Datasheet
259Kb / 3P
   Zener Diode
More results

Similar Description - FDZ493P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDC638APZ FAIRCHILD-FDC638APZ Datasheet
484Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET -20V, -4.5A, 43mohm
FDZ201N FAIRCHILD-FDZ201N_04 Datasheet
177Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ203N FAIRCHILD-FDZ203N Datasheet
145Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com