Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST3857 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST3857
Description  IC for CMOS System Reset Monolithic IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3857 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST3857 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3857 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3857 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3857 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3857 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3857 Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3857 Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3857 Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3857 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MITSUMI
IC for CMOS System Reset PST38XXU
IC for CMOS System Reset
Monolithic IC PST38XXU Series
Outline
This open drain output system reset IC, developed using the CMOS process. Super low consumption current
of 1.0µA typ. (PST3810 ~ PST3819) has been achieved through use of the CMOS process. Also, detection
voltage is high precision detection of ±2%.
Features
(1) Super low consumption current
1.0µA typ. (when VDD = (-VDET) + 2.0V) PST3810 ~ PST3819
(2) High precision detection voltage
±2%
(3) Operating range
0.7 ~ 10V
(4) Wide operating temperature range
-30 ~ +85°C
(5) Detection voltage
0.9 ~ 6.0V (0.1V step)
Package
SC-82ABA, SC-82ABB
Applications
(1) Microcomputer, CPU, MPU reset circuits
(2) Logic circuit reset circuits
(3) Battery voltage check circuits
(4) Back-up circuit switching circuits
(5) Level detection circuits
Pin Assignment
12
43
SC-82ABA
SC-82ABB
(TOP VIEW)
1
OUT
2
VDD
3
NC
4
GND
April 16, 2001


Similar Part No. - PST3857

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
PST3120 MITSUMI-PST3120 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
177Kb / 9P
   CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3122 MITSUMI-PST3122 Datasheet
177Kb / 9P
   CMOS System Reset
More results

Similar Description - PST3857

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST35XX MITSUMI-PST35XX Datasheet
155Kb / 20P
   IC for CMOS System Reset
MM3018 MITSUMI-MM3018 Datasheet
92Kb / 8P
   IC for CMOS RegulatorReset Monolithic IC
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com