Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8-K4L Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # C8-K4L
Description  Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C8-K4L Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  C8-K4L Datasheet HTML 1Page - Mitsumi Electronics, Corp. C8-K4L Datasheet HTML 2Page - Mitsumi Electronics, Corp. C8-K4L Datasheet HTML 3Page - Mitsumi Electronics, Corp. C8-K4L Datasheet HTML 4Page - Mitsumi Electronics, Corp. C8-K4L Datasheet HTML 5Page - Mitsumi Electronics, Corp. C8-K4L Datasheet HTML 6Page - Mitsumi Electronics, Corp. C8-K4L Datasheet HTML 7Page - Mitsumi Electronics, Corp. C8-K4L Datasheet HTML 8Page - Mitsumi Electronics, Corp. C8-K4L Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MITSUMI
Power Inductors
DATA LIST (C4-K1.8R Series)
C4-K1.8R (Height : 1.9mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
18
2.40
3.20
DC
1R5
1.5
±30
1kHz
-
23
2.20
2.70
DE
2R2
2.2
±30
1kHz
-
29
2.00
2.40
DF
2R7
2.7
±30
1kHz
-
34
1.80
2.30
DG
3R3
3.3
±30
1kHz
-
39
1.70
2.20
DH
3R9
3.9
±30
1kHz
-
53
1.50
2.10
DJ
4R7
4.7
±30
1kHz
-
57
1.40
1.90
DK
5R6
5.6
±30
1kHz
-
65
1.30
1.80
DL
6R8
6.8
±30
1kHz
-
82
1.20
1.60
DM
8R2
8.2
±30
1kHz
-
95
1.10
1.55
EA
100
10
±20
1kHz
-
110
0.98
1.25
EB
120
12
±20
1kHz
-
117
0.88
1.20
EC
150
15
±20
1kHz
-
165
0.80
1.10
ED
180
18
±20
1kHz
-
185
0.75
1.05
EE
220
22
±20
1kHz
-
212
0.70
1.00
EF
270
27
±20
1kHz
-
288
0.60
0.80
EG
330
33
±20
1kHz
-
345
0.52
0.70
EH
390
39
±20
1kHz
-
487
0.45
0.60
EJ
470
47
±20
1kHz
-
545
0.40
0.55
EK
560
56
±20
1kHz
-
595
0.35
0.53
EL
680
68
±20
1kHz
-
693
0.33
0.50
EM
820
82
±20
1kHz
-
850
0.31
0.45
FA
101
100
±20
1kHz
-
1030
0.29
0.38
FB
121
120
±20
1kHz
-
1260
0.25
0.32
FC
151
150
±20
1kHz
-
1420
0.22
0.30
DATA LIST (C4-K1.8RA Series)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
22
3.50
2.30
DC
1R5
1.5
±30
1kHz
-
26
3.10
2.10
DD
1R8
1.8
±30
1kHz
-
32
2.80
2.00
DF
2R7
2.7
±30
1kHz
-
39
2.20
1.80
DG
3R3
3.3
±30
1kHz
-
52
2.10
1.50
DH
3R9
3.9
±30
1kHz
-
70
2.00
1.30
DJ
4R7
4.7
±30
1kHz
-
80
1.90
1.20
DK
5R6
5.6
±30
1kHz
-
86
1.70
1.15
DL
6R8
6.8
±30
1kHz
-
97
1.50
1.05
DM
8R2
8.2
±30
1kHz
-
137
1.40
0.90
EA
100
10
±20
1kHz
-
147
1.30
0.82
EB
120
12
±20
1kHz
-
181
1.10
0.71
EC
150
15
±20
1kHz
-
244
0.96
0.59
ED
180
18
±20
1kHz
-
271
0.93
0.56
EE
220
22
±20
1kHz
-
305
0.82
0.50
EF
270
27
±20
1kHz
-
375
0.73
0.44
EG
330
33
±20
1kHz
-
510
0.65
0.42
EH
390
39
±20
1kHz
-
550
0.61
0.38
EJ
470
47
±20
1kHz
-
635
0.57
0.35
EK
560
56
±20
1kHz
-
740
0.51
0.32
EL
680
68
±20
1kHz
-
1110
0.46
0.28
EM
820
82
±20
1kHz
-
1230
0.43
0.26
FA
101
100
±20
1kHz
-
1345
0.41
0.24
FB
121
120
±20
1kHz
-
1550
0.37
0.22
FC
151
150
±20
1kHz
-
2100
0.31
0.19
C4-K1.8RA (Height : 1.9mm max.)


Similar Part No. - C8-K4L

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
C8-K4L MITSUMI-C8-K4L Datasheet
158Kb / 12P
   Power Inductors
More results

Similar Description - C8-K4L

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com