Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGA90N30D Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGA90N30D
Description  300V PDP IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA90N30D Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGA90N30D Datasheet HTML 1Page - Fairchild Semiconductor FGA90N30D Datasheet HTML 2Page - Fairchild Semiconductor FGA90N30D Datasheet HTML 3Page - Fairchild Semiconductor FGA90N30D Datasheet HTML 4Page - Fairchild Semiconductor FGA90N30D Datasheet HTML 5Page - Fairchild Semiconductor FGA90N30D Datasheet HTML 6Page - Fairchild Semiconductor FGA90N30D Datasheet HTML 7Page - Fairchild Semiconductor FGA90N30D Datasheet HTML 8Page - Fairchild Semiconductor FGA90N30D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FGA90N30D Rev. A
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Output Characteristics
Figure3. Typical Saturation Voltage
Figure 4. Transfer characteristics
Characteristics
Figure 5. Saturation Voltage vs. Case
Figure 6. Saturation Voltage vs. VGE
Temperature at Variant Current Level
01
2
345
6
0
20
40
60
80
10 0
T
C
= 2 5
o C
20 V
15V
12V
10V
C o lle c to r - E m itte r V o lta g e , V
CE
[V ]
V
GE
= 8V
0
1
2
3456
0
20
40
60
80
100
T
C
= 125
o C
C o lle c t o r - E m it te r V o lt age, V
CE
[V ]
20 V
15V
12 V
10V
V
GE
= 8 V
01
2
3
0
20
40
60
80
C o m m on E m itte r
V
Ge
= 15V
Tc = 2 5
o C
Tc = 1 2 5
o C
C o lle c to r - E m itte r V o lta g e , V
CE
[V ]
02
46
8
1 0
1
10
10 0
C o m m on E m it t e r
V
CE
= 2 0 V
T
C
=
2 5
o C
T
C
= 125
o C
G a te - E m itte r V o lt a g e , V
GE
[V ]
25
50
75
100
12 5
0. 4
0. 6
0. 8
1. 0
1. 2
1. 4
1. 6
1. 8
2. 0
2. 2
2. 4
C o mmo n E m it t e r
V
GE
= 1 5 V
9 0 A
4 0 A
2 0 A
I
c
= 10A
C a s e T e m p er at ur e , T
C
(
o C)
4
8
12
16
20
0
1
2
3
4
5
6
10A
20 A
40A
90A
C o m m on E m it t e r
T
C
= 2 5
o C
G a t e - E m it t e r V o lt age, V
GE
[V ]


Similar Part No. - FGA90N30D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA90N30 FAIRCHILD-FGA90N30 Datasheet
787Kb / 8P
   300V PDP IGBT
More results

Similar Description - FGA90N30D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA120N30D FAIRCHILD-FGA120N30D Datasheet
746Kb / 9P
   300V PDP IGBT
FGA180N30D FAIRCHILD-FGA180N30D Datasheet
758Kb / 9P
   300V PDP IGBT
FGA90N30 FAIRCHILD-FGA90N30 Datasheet
787Kb / 8P
   300V PDP IGBT
FGPF90N30 FAIRCHILD-FGPF90N30 Datasheet
700Kb / 7P
   300V, 90A PDP IGBT
FGP90N30 FAIRCHILD-FGP90N30 Datasheet
714Kb / 7P
   300V, 90A PDP IGBT
FGPF70N30 FAIRCHILD-FGPF70N30 Datasheet
783Kb / 7P
   300V, 70A PDP IGBT
FGPF30N30 FAIRCHILD-FGPF30N30 Datasheet
695Kb / 7P
   300V, 30A PDP IGBT
FGPF50N30T FAIRCHILD-FGPF50N30T Datasheet
568Kb / 7P
   300V, 50A PDP IGBT
FGPF120N30 FAIRCHILD-FGPF120N30 Datasheet
885Kb / 7P
   300V, 120A PDP IGBT
FGPF30N30D FAIRCHILD-FGPF30N30D Datasheet
765Kb / 9P
   300V, 30A PDP IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com