Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGFP90N30TU Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FGFP90N30TU
Description  300V, 90A PDP IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGFP90N30TU Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FGFP90N30TU Datasheet HTML 1Page - Fairchild Semiconductor FGFP90N30TU Datasheet HTML 2Page - Fairchild Semiconductor FGFP90N30TU Datasheet HTML 3Page - Fairchild Semiconductor FGFP90N30TU Datasheet HTML 4Page - Fairchild Semiconductor FGFP90N30TU Datasheet HTML 5Page - Fairchild Semiconductor FGFP90N30TU Datasheet HTML 6Page - Fairchild Semiconductor FGFP90N30TU Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
www.fairchildsemi.com
FGPF90N30 Rev. A
TO-220F
(7.00)
(0.70)
MAX1.47
#1
10.16 ±0.20
(1.00x45
°)
2.54 ±0.20
0.80 ±0.10
9.40 ±0.20
2.76 ±0.20
0.35 ±0.10
ø3.18 ±0.10
2.54TYP
[2.54 ±0.20]
2.54TYP
[2.54 ±0.20]
0.50
+0.10
–0.05


Similar Part No. - FGFP90N30TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGFP30N30DTU FAIRCHILD-FGFP30N30DTU Datasheet
765Kb / 9P
   300V, 30A PDP IGBT
FGFP30N45TTU FAIRCHILD-FGFP30N45TTU Datasheet
538Kb / 7P
   450V, 30A PDP Trench IGBT
FGFP45N45TTU FAIRCHILD-FGFP45N45TTU Datasheet
566Kb / 7P
   450V, 45A PDP Trench IGBT
logo
First Components Intern...
FGFP6007 FCI-FGFP6007 Datasheet
442Kb / 3P
   60 Amp Glass Passivated Standard Rectifiers
More results

Similar Description - FGFP90N30TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGP90N30 FAIRCHILD-FGP90N30 Datasheet
714Kb / 7P
   300V, 90A PDP IGBT
FGA120N30D FAIRCHILD-FGA120N30D Datasheet
746Kb / 9P
   300V PDP IGBT
FGA180N30D FAIRCHILD-FGA180N30D Datasheet
758Kb / 9P
   300V PDP IGBT
FGA90N30 FAIRCHILD-FGA90N30 Datasheet
787Kb / 8P
   300V PDP IGBT
FGA90N30D FAIRCHILD-FGA90N30D Datasheet
833Kb / 9P
   300V PDP IGBT
FGPF70N30 FAIRCHILD-FGPF70N30 Datasheet
783Kb / 7P
   300V, 70A PDP IGBT
FGPF30N30 FAIRCHILD-FGPF30N30 Datasheet
695Kb / 7P
   300V, 30A PDP IGBT
FGPF50N30T FAIRCHILD-FGPF50N30T Datasheet
568Kb / 7P
   300V, 50A PDP IGBT
FGPF120N30 FAIRCHILD-FGPF120N30 Datasheet
885Kb / 7P
   300V, 120A PDP IGBT
FGPF30N30D FAIRCHILD-FGPF30N30D Datasheet
765Kb / 9P
   300V, 30A PDP IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com