Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3006 Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM3006
Description  CMOS Switching Regulator (PWM controlled)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3006 Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM3006 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3006 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3006 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3006 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3006 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3006 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3006 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3006 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3006 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MITSUMI
CMOS Switching Regulator (PWM controlled) MM3005~MM3010
Electrical Characteristics (Except where noted otherwise, Ta=25°C)
Item
Symbol
Measurement
Measuring Circuit
Rank Min. Typ. Max. Unit
circuit
Input voltage
VIN
19
V
Operating start voltage
VST1
1IOUT=1mA
0.9
V
Oscillation start voltage
VST2
2
0.8
V
Operation hold voltage
VHLD
1IOUT=1mA
0.7
V
A
11.6
19.4
B
14.3
23.9
C
15.5
25.9
D
16.1
26.8
E
17.2
28.7
Consumption current 1
ISS1
VOUT= Output voltage 0.95
F
19.1
31.8
µA
G
22.4
37.3
H
38.5
64.1
J
43.9
73.1
2
K
45.0
74.9
L
13.2
22.8
A
3.1
6.2
B
3.2
6.3
C
3.2
6.4
D
3.2
6.4
E
3.2
6.4
Consumption current 2
ISS2
VOUT= Output voltage+0.5V
F
3.3
6.5
µA
G
3.3
6.5
H
3.5
6.9
J
3.5
6.9
K
3.5
6.9
L
3.1
6.2
A45
71
B61
98
C61
98
D61
98
E78
125
mA
Switching current
ISW
VCONT=0.4V
F
78
125
G78
125
H
114
182
J
114
182
K
114
182
L45
71
Switching transistor leak current
ISWO
VOUT=VCONT=9V
1
µA
Input stability
VOUT1
1
VIN= Output voltage 0.4 0.6
30
60
mV
Load stability
VOUT2
1
IOUT=10µA~IOUT (Following) 1.25
30
60
mV
Output voltage
VOUT
1Ta= -30~85°C
±50
ppm/°C
temperature coefficient
Ta
Oscillation frequency
fosc
2
VOUT= Output voltage
0.95
42.5
50
57.5
kHz
Maximum duty ratio
MaxDuty
2
VOUT= Output voltage
0.96
75
83
90
%
Soft start
Tss
IOUT=1mA
3
6
12
ms
MM3005, MM3007, MM3009 (It is L rank only MM3009.)


Similar Part No. - MM3006

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MM3006 CENTRAL-MM3006 Datasheet
56Kb / 1P
   Small Signal Transistors
More results

Similar Description - MM3006

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57254-30GW PHILIPS-SA57254-30GW Datasheet
267Kb / 18P
   CMOS switching regulator (PWM controlled)
2003 Nov 11
logo
Hitachi Semiconductor
HA16654A HITACHI-HA16654A Datasheet
85Kb / 15P
   PWM Controlled Switching Regulator
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
   600kHz PWM Controlled Switching Regulator
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com