Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1566 Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM1566
Description  Video Signal Driver for DVD Players Monolithic IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1566 Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM1566 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1566 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1566 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1566 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1566 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1566 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1566 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1566 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1566 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MITSUMI
Video Signal Driver for DVD Players MM1566
Absolute Maximam Ratings (Ta=25°C)
Item
Symbol
Rating
Unit
Storage temparature
TSTG
–65 ~ +150
°C
Operating temparature
TOPR
–40 ~ +85
°C
Supply Voltage
VCC max.
7
V
Power dissipation *1
Pd
1.0
W
Recommended Operating Conditions
Item
Symbol
Rating
Unit
Operating temparature
TOPR
–40 ~ +85
°C
Operating Voltage
VCCOP
4.5 ~ 5.5
V
note *1 Board mounting power dissipation. Board size 21.3mmX38.1mmX1.0mm
Electrical Characteristics (Unless otherwise specified, Ta=25°C,Vcc=5V)
Item
Symbol
Measurement Conditions
Min. Typ. Max. Unit
Consumption current 1
ICC1
No signal
39
55
71
mA
Consumption current 2
ICC2
No signal Mute1:ON
1
3
5
mA
Bias input
VINbias
at Bias select
1.9
2.4
2.9
V
Clamp input
VINclamp
at Clamp select
1.15
1.4
1.65
V
Bias output
VOUTbias
at Bias select
2.4
V
Clamp output
VOUTclamp
at Clamp select
1.1
V
Control terminal
H
IIHm *2
350
µA
input current
L
IIL *2
35
µA
Control terminal
H
VthHm *2
2.1
V
input voltage
L
VthLm *2
0.7
V
Input impedance
ZINbias
at Bias select
100
150
200
k
Voltage gain
Gn *3
SIN wave:1V f=100kHz
5.7
6.0
6.3
dB
Frequency characteristic 1
f1n *3
SIN wave:1V 6.75MHz/100kHz
–1.0
0
1.0
dB
Frequency characteristic 2
f2n *3
SIN wave:1V 27MHz/100kHz
–40
–27
dB
Differential gain
DG1~3 *3
Staircase signal 1V
0.6
1.0
%
Differential phase
DP1~3 *3
Staircase signal 1V
0.6
1.0
°
Output dynamic range
DRn *3
SIN wave:100kHz THD=1.0%
2.6
3.0
V
Crosstalk
CTn *3
f=4.43MHz, 1V
–60
–55
dB
S/N 1
SN14,5 *3
BW:100k ~ 6MHz
–80
dB
S/N 2
SN21~3 *3
BW:100k ~ 6MHz at MIX OUT
–74
dB
Group delay
tGDn *3
at 100kHz
50
ns
to 3.58MHz
4
ns
Group delay deviation
tGDn *3
to 4.43MHz
7
ns
to 6MHz
12
ns
note *2 The subscript number "m" is
the terminal of right table.
note *3 The subscript number "n" is the
combination of right table.
m
Terminal
1
MUTE1
2
MODE1
3
MODE2
n
Input
Output
1
CIN
2
VIN
VOUT
3
YIN
4
CIN
COUT
5
YIN
YOUT


Similar Part No. - MM1566

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1567 MITSUMI-MM1567 Datasheet
132Kb / 13P
   Video Signal Driver for DVD Players Monolithic IC
More results

Similar Description - MM1566

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1567 MITSUMI-MM1567 Datasheet
132Kb / 13P
   Video Signal Driver for DVD Players Monolithic IC
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Rohm
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
   Power Driver For DVD Players
logo
Sanyo Semicon Device
LA7138M SANYO-LA7138M Datasheet
325Kb / 13P
   Monolithic Linear IC For the DVD Player Analog Video Signal I/F Driver
logo
Rohm
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
   Power Driver For DVD Players
logo
Mitsumi Electronics, Co...
MM1623XFBE MITSUMI-MM1623XFBE Datasheet
145Kb / 12P
   Video Signal Driver for DVD Player MM1623XFBE
logo
Rohm
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
   5-channel driver for CD/DVD players
logo
Sanyo Semicon Device
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
logo
Rohm
BH7862FS ROHM-BH7862FS Datasheet
145Kb / 9P
   High-performance 6-channel video driver IC for progressive DVD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com