Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP08-1215DA Datasheet(PDF) 3 Page - Recom International Power

Part # RP08-1215DA
Description  8 Watt DIP24 & SMD, Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP08-1215DA Datasheet(HTML) 3 Page - Recom International Power

  RP08-1215DA Datasheet HTML 1Page - Recom International Power RP08-1215DA Datasheet HTML 2Page - Recom International Power RP08-1215DA Datasheet HTML 3Page - Recom International Power RP08-1215DA Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
Over Load Protection (% of full load at nominal Vin)
150% typ
Short Circuit Protection
Continuous, automatic recovery
Efficiency
see „Selection Guide“ table
Isolation Voltage
In to out
1600VDC min.
I/O to case
DIP type 1600VDC min.
I/O to case
SMD type 1000VDC min.
Isolation Resistance
1 G
Ω min.
Isolation Capacitance
300pF max.
Operating Frequency
100kHz min.
Approved to Safety Standards
UL 1950, EN60950
Operating Temperature Range
-40°C to +85°C(with derating)
Maximum Case Temperature
+100°C
Storage Temperature Range
-55°C to +105°C
Thermal Impedance
Natural convection
20°C/Watt
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 2G, 30 Min. along X, Y and Z
Relative Humidity
5% to 95% RH
Case Material
Nickel plated copper
Base Material
Non-conductive black plastic
Potting Material
Epoxy (UL94-V0)
Conducted Emissions (see Note 8)
EN55022
Level A
Radiated Emissions
EN55022
Level A
ESD
EN61000-4-2
Perf. Criteria 2
Radiated Immunity
EN61000-4-3
Perf. Criteria 2
Fast Transient
EN61000-4-4
Perf. Criteria 2
Surge
EN61000-4-5
Perf. Criteria 2
Conducted Immunity
EN61000-4-6
Perf. Criteria 2
Weight
DIP
16g
SMD
18g
Dimensions
DIP
31.8 x 20.3 x 10.2mm
SMD
32.0 x 20.3 x 10.9mm
MTBF (see Note 2)
3165 x 103 hours
RP08-S_DA
Series
Notes :
1. The RP08 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under
no-load condition will not damage these devices, however they may not meet all listed specification.
2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
3. Start up voltage : 10VDC
4. Maximum value at nominal input voltage and full load of standard type.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistor load.
7. The ON/OFF control pin voltage is referenced to negative input.
8. See application notes for EMI-filtering.
14-February-2007
www.recom-international.com
214


Similar Part No. - RP08-1215DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP08-1215DA RECOM-RP08-1215DA Datasheet
93Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP08-1215DA RECOM-RP08-1215DA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-1215DA RECOM-RP08-1215DA Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
More results

Similar Description - RP08-1215DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-AW RECOM-RP08-AW Datasheet
515Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
RP08-243.3SAW RECOM-RP08-243.3SAW Datasheet
94Kb / 3P
   8 Watt DIP24 & SMD, Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com