Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD3207BB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CD3207BB
Description  7-bit Futurebus transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CD3207BB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button CD3207BB Datasheet HTML 3Page - NXP Semiconductors CD3207BB Datasheet HTML 4Page - NXP Semiconductors CD3207BB Datasheet HTML 5Page - NXP Semiconductors CD3207BB Datasheet HTML 6Page - NXP Semiconductors CD3207BB Datasheet HTML 7Page - NXP Semiconductors CD3207BB Datasheet HTML 8Page - NXP Semiconductors CD3207BB Datasheet HTML 9Page - NXP Semiconductors CD3207BB Datasheet HTML 10Page - NXP Semiconductors CD3207BB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
FB2041
7-bit Futurebus+ transceiver
1995 May 25
7
LIVE INSERTION SPECIFICATIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VBIASV
Bias pin voltage
VCC = 0 to 5.25V, Bn = 0 to 2.0V
4.5
5.5
V
I
S
Bias pin DC current
VCC = 0 to 4.75V, Bn = 0 to 2.0V,
Bias V = 4.5 to 5.5V
1
mA
IBIASV
Bias pin DC current
VCC = 4.5 to 5.5V, Bn = 0 to 2.0V,
Bias V = 4.5 to 5.5V
10
µA
VBn
Bus voltage during prebias
B0 – B8 = 0V, Bias V = 5.0V
1.62
2.1
V
ILM
Fall current during prebias
B0 – B8 = 2V, Bias V = 4.5 to 5.5V
1
µA
IHM
Rise current during prebias
B0 – B8 = 1V, Bias V = 4.5 to 5.5V
-1
µA
IBnPEAK
Peak bus current during
insertion
VCC = 0 to 5.25V, B0 – B8 = 0 to 2.0V,
Bias V = 4.5 to 5.5V, OEB0 = 0.8V, tr = 2ns
10
mA
IO OFF
Power up current
VCC = 0 to 5.25V, OEB0 = 0.8V
100
µA
IOLOFF
Power up current
VCC = 0 to 2.2V, OEB0 = 0 to 5V
100
µA
tGR
Input glitch rejection
VCC = 5.0V
1.0
1.35
ns
DC ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
IOH
High level output current
B0 – B6
VCC = MAX, VIL = MAX, VIH = MIN, VOH = 2.1V
100
µA
IOFF
Power-off output current
B0 – B6
VCC = 0.0V, VIL = MAX, VIH = MIN, VOH = 2.1V
100
µA
VOH
High-level output
voltage
AO0 – AO6 3
VCC = MIN, VIL = MAX, VIH = MIN, IOH = -3mA
2.5
2.85
V
AO0 – AO6 3
VCC = MIN, VIL = MAX, VIH = MIN, IOL = 24mA
0.33
0.5
VOL
Low-level output voltage
B0 – B6
VCC = MIN, VIL = MAX, VIH = MIN, IOL = 80mA
.75
1.0
1.10
V
VCC = MIN, VIL = MAX, VIH = MIN, IOL = 100mA
1.15
VIK
Input clamp voltage
VCC = MIN, II = IIK
-1.2
V
II
Input current at
maximum input voltage
OEB0, OEBn,
OEAn, AI0 – AI6
VCC = MAX, VI = GND or 5.5V
±50
µA
IIH
High-level input current
OEB0, OEBn,
OEAn, AI0 – AI6
VCC = MAX, VI = 2.7V
20
µA
IH
g
B0 – B6
VCC = MAX, VI = 2.1V
100
µ
IIL
Low-level input current
OEB0, OEBn,
OEAn, AI0 – AI6
VCC = MAX, VI = 0.5V
-20
µA
IL
B0 – B6
VCC = MAX, VI = 0.75V
-100
µ
IOZH
Off-state output current
AO0 – AO6
VCC = MAX, VO = 2.7V
50
µA
IOZL
Off-state output current
AO0 – AO6
VCC = MAX, VO = 0.5V
-50
µA
IO
Output current
AO0 – AO6 only
VCC = MAX
-30
-55
-150
mA
ICCZ (standby)
VCC = MAX
19
30
ICC
Supply current (total)
ICCB, AIn to Bn
VCC = MAX, outputs Low or High
40
60
mA
ICC
Supply current (total)
ICCA, Bn to AOn
VCC = MAX, outputs Low
22
35
mA
ICCA, Bn to AOn
VCC = MAX, outputs High
19
35
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operation conditions for the applicable type.
2. All typical values are at VCC = 5V, TA = 25°C.
3. Due to test equipment limitations, actual test conditions are VIH = 1.8V and VIL = 1.3V for the B side.


Similar Part No. - CD3207BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CD3206BB PHILIPS-CD3206BB Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
More results

Similar Description - CD3207BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
FBL22041 PHILIPS-FBL22041 Datasheet
93Kb / 14P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1998 Aug 12
FBL2041 PHILIPS-FBL2041 Datasheet
94Kb / 12P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
[Old version datasheet]   QUADRUPLE FUTUREBUS TRANSCEIVER
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
logo
Motorola, Inc
MC74F3893A MOTOROLA-MC74F3893A Datasheet
37Kb / 5P
   QUAD FUTUREBUS BACKPLANE TRANSCEIVER
logo
NXP Semiconductors
74F3893 PHILIPS-74F3893 Datasheet
72Kb / 10P
   Quad futurebus backplane transceiver
1991 Jan 18
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com