Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3024J Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM3024J
Description  CMOS Regulator Monolithic IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3024J Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM3024J Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3024J Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3024J Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3024J Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3024J Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3024J Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3024J Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUMI
CMOS Regulator MM302X Series
Electrical Characteristics 2 (Ambient Temperature, Ta=25°C, VIN=VCE)
PARAMETER
Product
Output Voltage
Output Current
Load Regulation
Input-Output differential Voltage
Name
VOUT (V)
IOUT (mA)
VOUT/ IOUT (mV)
VDIF (V)
TEST CONDISIONS MIN. TYP. MAX. TEST CONDISIONS MIN. TYP. TEST CONDISIONS TYP. MAX. TEST CONDISIONS TYP. MAX.
MM3022A
1.960 2.000 2.040
MM3022B
2.058 2.100 2.142
MM3022C
2.156 2.200 2.244
MM3022D
2.254 2.300 2.346
MM3022E
2.352 2.400 2.448
25
40
MM3022F
2.450 2.500 2.550
MM3022G
2.548 2.600 2.652
MM3022H
2.646 2.700 2.754
MM3022J
2.744 2.800 2.856
MM3022K
2.842 2.900 2.958
MM3023A
2.940 3.000 3.060
MM3023B
3.038 3.100 3.162
MM3023C
3.136 3.200 3.264
MM3023D
3.234 3.300 3.366
MM3023E
3.332 3.400 3.468
40
60
MM3023F
3.430 3.500 3.570
MM3023G
3.528 3.600 3.672
MM3023H
3.626 3.700 3.774
40
80
0.3
0.5
MM3023J
3.724 3.800 3.876
MM3023K
3.822 3.900 3.978
MM3024A
3.920 4.000 4.080
MM3024B
4.018 4.100 4.182
MM3024C
4.116 4.200 4.284
MM3024D
4.214 4.300 4.386
MM3024E
4.312 4.400 4.488
50
80
MM3024F
4.410 4.500 4.590
MM3024G
4.508 4.600 4.692
MM3024H
4.606 4.700 4.794
MM3024J
4.704 4.800 4.896
MM3024K
4.802 4.900 4.998
MM3025A
4.900 5.000 5.100
MM3025B
4.998 5.100 5.202
MM3025C
5.096 5.200 5.304
65
100
MM3025D
5.194 5.300 5.406
MM3025E
5.292 5.400 5.508
MM3025F
5.390 5.500 5.610
VIN-VOUT
=1.0V
IOUT
=10mA
VIN-VOUT
=1.0V
VIN-VOUT
=1.0V
1mA <
=
IOUT <
=
40mA
VIN-VOUT
=1.0V
1mA <
=
IOUT <
=
60mA
VIN=VOUT
-0.2V
IOUT=
40mA
VIN=VOUT
-0.2V
IOUT=
60mA
VIN-VOUT
=1.0V
1mA <
=
IOUT <
=
80mA
VIN=VOUT
-0.2V
IOUT=
80mA
VIN-VOUT
=1.0V
1mA <
=
IOUT <
=
100mA
VIN=VOUT
-0.2V
IOUT=
100mA


Similar Part No. - MM3024J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM300 ETC-MM300 Datasheet
62Kb / 1P
   Digital Multimeter, Manual-Ranging, 600V
logo
Central Semiconductor C...
MM3000 CENTRAL-MM3000 Datasheet
56Kb / 1P
   Small Signal Transistors
MM3001 CENTRAL-MM3001 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Mitsumi Electronics, Co...
MM3002 MITSUMI-MM3002 Datasheet
136Kb / 6P
   CMOS Operational Amplifier (Single)
logo
Central Semiconductor C...
MM3002 CENTRAL-MM3002 Datasheet
56Kb / 1P
   Small Signal Transistors
More results

Similar Description - MM3024J

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3018 MITSUMI-MM3018 Datasheet
92Kb / 8P
   IC for CMOS RegulatorReset Monolithic IC
MM3031 MITSUMI-MM3031 Datasheet
76Kb / 7P
   CMOS Regulator Monolithic IC MM303X Series
MM1458 MITSUMI-MM1458 Datasheet
127Kb / 6P
   RegulatorReset IC Monolithic IC
MM1482 MITSUMI-MM1482 Datasheet
69Kb / 6P
   IC for RegulatorReset Monolithic IC
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
logo
Panasonic Semiconductor
AN29000A PANASONIC-AN29000A Datasheet
259Kb / 7P
   Silicon Monolithic Bi - CMOS IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
logo
Panasonic Semiconductor
AN13301A PANASONIC-AN13301A Datasheet
172Kb / 7P
   Silicon Monolithic Bi - CMOS IC
logo
Mitsumi Electronics, Co...
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
MM3376AX MITSUMI-MM3376AX Datasheet
83Kb / 11P
   150mA CMOS Voltage Regulator IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com