Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD3207 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # CD3207
Description  7-bit Futurebus transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CD3207 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button CD3207 Datasheet HTML 6Page - NXP Semiconductors CD3207 Datasheet HTML 7Page - NXP Semiconductors CD3207 Datasheet HTML 8Page - NXP Semiconductors CD3207 Datasheet HTML 9Page - NXP Semiconductors CD3207 Datasheet HTML 10Page - NXP Semiconductors CD3207 Datasheet HTML 11Page - NXP Semiconductors CD3207 Datasheet HTML 12Page - NXP Semiconductors CD3207 Datasheet HTML 13Page - NXP Semiconductors CD3207 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Philips Semiconductors
Product specification
FB2041
7-bit Futurebus+ transceiver
1995 May 25
11
TEST CIRCUIT AND WAVEFORMS
2.5ns
2.5ns
500ns
500ns
INPUT PULSE REQUIREMENTS
Rep. Rate
Amplitude
tTLH
tTHL
1MHz
3.0V
2.5ns
Input Pulse Definitions
VM = 1.55V for Bn, VM = 1.5V for all others.
VCC
Family
FB+
D.U.T.
PULSE
GENERATOR
7.0V
RL
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs on A Port
TEST
SWITCH
SWITCH POSITION
tPLZ, tPZL
All other
closed
open
DEFINITIONS:
RL = Load Resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance; see AC
CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of pulse generators.
CD = Load capacitance includes jig and probe capacitance; see AC
CHARACTERISTICS for value.
RU = Pull up resistor; see AC CHARACTERISTICS for value.
tW
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
LOW V
LOW V
tTHL (tf)
tTLH (tr)
tW
BIAS
V
tW
Low V
0.0V
tTLH (tr)
tTHL (tf)
A Port
1MHz
2.0V
2.5ns
1.0V
B Port
VCC
D.U.T.
PULSE
GENERATOR
RU
CD
RT
VIN
VOUT
Test Circuit for Outputs on B Port
BIAS
V
2.0V (for RU = 9 Ω)
2.1V (for RU = 16.5 Ω)
SG00059
VIN
VIN


Similar Part No. - CD3207

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CD3206BB PHILIPS-CD3206BB Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
More results

Similar Description - CD3207

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
FBL22041 PHILIPS-FBL22041 Datasheet
93Kb / 14P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1998 Aug 12
FBL2041 PHILIPS-FBL2041 Datasheet
94Kb / 12P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
[Old version datasheet]   QUADRUPLE FUTUREBUS TRANSCEIVER
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
logo
Motorola, Inc
MC74F3893A MOTOROLA-MC74F3893A Datasheet
37Kb / 5P
   QUAD FUTUREBUS BACKPLANE TRANSCEIVER
logo
NXP Semiconductors
74F3893 PHILIPS-74F3893 Datasheet
72Kb / 10P
   Quad futurebus backplane transceiver
1991 Jan 18
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com