Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP20-1205SE Datasheet(PDF) 3 Page - Recom International Power

Part # RP20-1205SE
Description  20 Watt Single, Dual & Triple Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-1205SE Datasheet(HTML) 3 Page - Recom International Power

  RP20-1205SE Datasheet HTML 1Page - Recom International Power RP20-1205SE Datasheet HTML 2Page - Recom International Power RP20-1205SE Datasheet HTML 3Page - Recom International Power RP20-1205SE Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP20-S_D_TE
Series
Minimum Load (see Note 1)
10% of full load
Line Regulation (low line, high line at full load)
Single (W)
±0.2%
Dual (W)
±0.5%
Triple 3.3V, 5V
±1%
Auxiliary
±5%
Load Regulation (25% to 100% full load)
Single
±0.5%
Dual
±3%
Triple 3.3V, 5V
±2%
Auxiliary
±5%
Cross Regulation (see Note 9)
Dual
±5%
Triple 3.3V, 5V
±2%
Auxiliary
±5%
Ripple and Noise (20MHz bandwith)
Single
75mVp-p
Dual
100mVp-p
Triple 3.3V, 5V
50mVp-p
Auxiliary
1% of Vout
Temperature Coefficient
±0.02%/°C max.
Transient Response (25% load step change)
500µs
Over Voltage Protection
3.3V
3.9V
Zener diode clamp (only single)
5V
6.2V
12V
15V
15V
18V
Short Circuit Protection
Hiccup, automatic recovery
Efficiency
see „Selection Guide“ table
Isolation Voltage
1600VDC min.
Isolation Resistance
1 G
Ω min.
Isolation Capacitance
300pF max.
Operating Frequency
300kHz typ.
Approved to Safety Standards (see Note 10)
UL 1950, EN60950
Operating Temperature Range
-40°C to +85°C(with derating)
Maximum Case Temperature
+100°C
Storage Temperature Range
-55°C to +105°C
Thermal Impedance
Natural convection
10°C/Watt
(see Note 8)
Natural convection with Heat Sink
8.24°C/Watt
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 2G, 30 Min. along X, Y and Z
Relative Humidity
5% to 95% RH
Case Material
Nickel plated copper
Base Material
Non-conductive black plastic
Potting Material
Epoxy (UL94-V0)
Conducted Emissions (see Note 11)
EN55022
Level A
Radiated Emissions
EN55022
Level A
ESD
EN61000-4-2
Perf. Criteria 2
Radiated Immunity
EN61000-4-3
Perf. Criteria 2
Fast Transient
EN61000-4-4
Perf. Criteria 2
Surge
EN61000-4-5
Perf. Criteria 2
Conducted Immunity
EN61000-4-6
Perf. Criteria 2
continued on next page
July-2006
249
www.recom-international.com


Similar Part No. - RP20-1205SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-1205SE RECOM-RP20-1205SE Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
More results

Similar Description - RP20-1205SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
RAC20-A RECOM-RAC20-A Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
RP20 RECOM-RP20 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
RAC15-3.3SB RECOM-RAC15-3.3SB Datasheet
99Kb / 2P
   15 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com