Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1223 Datasheet(PDF) 7 Page - Mitsumi Electronics, Corp.

Part # MM1223
Description  2-Input 1-Output Video Switch (W/75OHM driver)/3-Input 1-Output Video Switch (W/75OHM driver)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1223 Datasheet(HTML) 7 Page - Mitsumi Electronics, Corp.

  MM1223 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1223 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1223 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1223 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1223 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1223 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1223 Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MITSUMI
2-Input 1-Output Video Switch (W/75
Ω driver)/3-Input 1-Output Video Switch (W/75Ω driver) MM1221~1228
Measuring Procedures (VCC=5.0V, VC1=VCC, VC2=0V)
Item
Symbol
Switch state
Measuring Procedure
S1
S2
S3
S4
S5
Consumption
Id
22222
current
12222
Voltage gain
Gv
21212
22111
22121
12222
Frequency
FC
21212
characteristic
22111
22121
12222
Differential gain
DG
21212
22111
22121
12222
Differential phase
DP
21212
22111
22121
22222
Output offset
Voff
22212
voltage
22211
12212
12221
12211
Crosstalk
CT
21222
21221
21211
22122
22112
22212
Switch 1 input
VIH1
voltage H
Switch 1 input
VIL1
voltage L
22221
Switch 2 input
VIH2
voltage H
Switch 2 input
VIL2
voltage L
Connect a DC ammeter to the VCC pin and measure. The
ammeter is shorted for use in subsequent measurements.
Input a 1.0VP-P, 100kHz sine wave to SG, and obtain GV
from the following formula given TP1 voltage as V1
and TP3 voltage as V2.
GV=20LOG (V2/V1) dB
For the above GV measurement, given TP3 voltage for
7MHz as V3, FC is obtained from the following formula.
FC=20LOG (V3/V2) dB
Input a 1.0VP-P staircase wave to SG, and measure
differential gain at TP4.
APL=10~90%
Proceed as for DG, and measure differential phase.
Measure the DC voltage difference of each switch
status at TP2.
Assume VC1=2.1V, VC2=0.7V.
Input a 1.0VP-P, 4.43MHz sine wave to SG, and given
TP1 voltage as V4 and TP3 voltage as V5, CT is
obtained from the following formula.
CT=20LOG (V5/V4) dB
Impress an optional DC voltage on TP7 and TP8.
Gradually raise from VC1=0V. TP5 voltage when TP8
voltage is output on TP2 is VIH1. Gradually lower from
VC1=VCC. TP5 voltage when TP7 voltage is output on
TP2 is VIL1.
Impress an optional DC voltage on TP7 and TP9.
Gradually raise from VC1=0V. TP5 voltage when TP9
voltage is output on TP2 is VIH2. Gradually lower from
VC1=VCC. TP6 voltage when TP7 voltage is output on
TP2 is VIL2.


Similar Part No. - MM1223

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MM1223 MITSUBISHI-MM1223 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
More results

Similar Description - MM1223

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2244 NJRC-NJM2244 Datasheet
203Kb / 5P
   3-INPUT VIDEO SWITCH WITH 75OHM DRIVER?
NJM2243 NJRC-NJM2243 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 75OHM DRIVER
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2263 NJRC-NJM2263 Datasheet
199Kb / 5P
   3-INPUT VIDEO SUPER IMPOSER WITH 75OHM DRIVER?
NJM2264 NJRC-NJM2264 Datasheet
197Kb / 5P
   3-INPUT VIDEO SUPER IMPOSER WITH 75OHM DRIVER???
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
logo
Sanyo Semicon Device
LA73052 SANYO-LA73052 Datasheet
252Kb / 6P
   4ch 75ohm Video Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com