Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBL2041I Datasheet(PDF) 9 Page - NXP Semiconductors

Part # FBL2041I
Description  3.3V BTL 7-bit Futurebus transceiver standard A-port
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FBL2041I Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button FBL2041I Datasheet HTML 4Page - NXP Semiconductors FBL2041I Datasheet HTML 5Page - NXP Semiconductors FBL2041I Datasheet HTML 6Page - NXP Semiconductors FBL2041I Datasheet HTML 7Page - NXP Semiconductors FBL2041I Datasheet HTML 8Page - NXP Semiconductors FBL2041I Datasheet HTML 9Page - NXP Semiconductors FBL2041I Datasheet HTML 10Page - NXP Semiconductors FBL2041I Datasheet HTML 11Page - NXP Semiconductors FBL2041I Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
FBL2041
FBL2041I
3.3V BTL 7-bit Futurebus+ transceiver (standard A-port)
1999 Apr 27
9
AC WAVEFORMS
VM = 1.55V for Bn, VM = 1.5V for all others.
AIn, Bn or Bn
OEBn
AOn or Bn
VM
VM
VM
VM
tPLH
tPHL
SG00101
Waveform 1.
Propagation Delay for Data or
Output Enable to Output
VM
VM
VM
VM
tPHL
tPLH
AOn, Bn
AIn, Bn
OEB0
SG00102
Waveform 2.
Propagation Delay for Data or
Output Enable to Output
AIn, Bn
AOn, Bn
VM
VM
tSK(o)
SG00103
Waveform 3.
Output Skews
AOn
OEA
VM
VM
VM
VOH -0.3V
OV
tPHZ
tPZH
SG00104
Waveform 4.
3-State Output Enable Time to High Level and
Output Disable Time from High Level
tPZL
AOn
OEA
VM
VM
tPLZ
VM
VOL +0.3V
SG00105
Waveform 5.
3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


Similar Part No. - FBL2041I

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL2040BB PHILIPS-FBL2040BB Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
More results

Similar Description - FBL2041I

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL22041 PHILIPS-FBL22041 Datasheet
93Kb / 14P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1998 Aug 12
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FBL22033 PHILIPS-FBL22033 Datasheet
147Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
logo
Texas Instruments
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
logo
NXP Semiconductors
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
[Old version datasheet]   QUADRUPLE FUTUREBUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com