Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBL2041BB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FBL2041BB
Description  3.3V BTL 7-bit Futurebus transceiver standard A-port
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FBL2041BB Datasheet(HTML) 5 Page - NXP Semiconductors

  FBL2041BB Datasheet HTML 1Page - NXP Semiconductors FBL2041BB Datasheet HTML 2Page - NXP Semiconductors FBL2041BB Datasheet HTML 3Page - NXP Semiconductors FBL2041BB Datasheet HTML 4Page - NXP Semiconductors FBL2041BB Datasheet HTML 5Page - NXP Semiconductors FBL2041BB Datasheet HTML 6Page - NXP Semiconductors FBL2041BB Datasheet HTML 7Page - NXP Semiconductors FBL2041BB Datasheet HTML 8Page - NXP Semiconductors FBL2041BB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
FBL2041
FBL2041I
3.3V BTL 7-bit Futurebus+ transceiver (standard A-port)
1999 Apr 27
5
LOGIC DIAGRAM
SG00116
46
45
OEB0
OEB1
47
OEA1
BTL
Levels
TTL
Levels
TMS
TCK
TDI
TDO
42
44
22
21
(Future JTAG Boundary Scan option)
LOGIC VCC
=
17, 49
LOGIC GND
=
1, 5, 7, 11, 13, 15, 19
BUS VCC
=
23, 43
BUS GND
=
29, 31, 33, 35, 37, 39, 41
BIAS V
=
48
51
AI0
50
AO0
B0
40
25
OEB2
38
B1
20
2
52
OEA2
AI1
AO1
36
3
4
B2
AI2
AO2
34
8
6
B3
AI3
AO3
26
32
24
9
10
30
14
12
28
18
16
OEB3
B4
OEA3
AI4
AO4
B5
AI5
AO5
B6
AI6
AO6


Similar Part No. - FBL2041BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL2040BB PHILIPS-FBL2040BB Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
More results

Similar Description - FBL2041BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL22041 PHILIPS-FBL22041 Datasheet
93Kb / 14P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1998 Aug 12
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FBL22033 PHILIPS-FBL22033 Datasheet
147Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
logo
Texas Instruments
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
logo
NXP Semiconductors
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
[Old version datasheet]   QUADRUPLE FUTUREBUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com