Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBL22033 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # FBL22033
Description  3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FBL22033 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button FBL22033 Datasheet HTML 2Page - NXP Semiconductors FBL22033 Datasheet HTML 3Page - NXP Semiconductors FBL22033 Datasheet HTML 4Page - NXP Semiconductors FBL22033 Datasheet HTML 5Page - NXP Semiconductors FBL22033 Datasheet HTML 6Page - NXP Semiconductors FBL22033 Datasheet HTML 7Page - NXP Semiconductors FBL22033 Datasheet HTML 8Page - NXP Semiconductors FBL22033 Datasheet HTML 9Page - NXP Semiconductors FBL22033 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
FBL22033
3.3V BTL 8-bit latched/registered/pass-thru
universal transceiver with 30
Ω termination
1999 Apr 15
6
LOGIC DIAGRAM
23
24
OEB0
OEB1
20
SAB0
21
SAB1
47
LCAB
D
En
D
Clk
50
AIn
40
Bn
1 of 8 cells
19
45
46
43
D
En
D
Clk
51
LCBA
SBA0
SBA1
OEA
AOn
1 of 8 cells
42
BGGnd
BGref
52,
2, 5,
8, 10,
12, 15
2, 4, 6, 9,
11, 14, 16
38,
36, 34,
32, 30,
28, 26
7
Loopback
SG00069
ABSOLUTE MAXIMUM RATINGS
Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free-air temperature range.
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
-0.5 to +4.6
V
VIN
Input voltage
AI0 – AI7, OEB0, OEBn, OEAn
-0.5 to +7.0
V
VIN
In ut voltage
B0 – B7
-0.5 to +3.5
IIN
Input current
VIN t 0
-50
VOUT
Voltage applied to output in High output state
-0.5 to +7.0
V
IOUT
Current applied to output in
AO0 – AO7
–24, 24
mA
IOUT
Low output state/High output state
B0 – B7
200
mA
TSTG
Storage temperature
-65 to +150
°C


Similar Part No. - FBL22033

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
FBL22031BB PHILIPS-FBL22031BB Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
More results

Similar Description - FBL22033

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
NXP Semiconductors
FBL22041 PHILIPS-FBL22041 Datasheet
93Kb / 14P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1998 Aug 12
FBL2041 PHILIPS-FBL2041 Datasheet
94Kb / 12P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
logo
Texas Instruments
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com