Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST3515UR Datasheet(PDF) 9 Page - Mitsumi Electronics, Corp.

Part # PST3515UR
Description  IC for CMOS System Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3515UR Datasheet(HTML) 9 Page - Mitsumi Electronics, Corp.

Back Button PST3515UR Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3515UR Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3515UR Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3515UR Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3515UR Datasheet HTML 9Page - Mitsumi Electronics, Corp. PST3515UR Datasheet HTML 10Page - Mitsumi Electronics, Corp. PST3515UR Datasheet HTML 11Page - Mitsumi Electronics, Corp. PST3515UR Datasheet HTML 12Page - Mitsumi Electronics, Corp. PST3515UR Datasheet HTML 13Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MITSUMI
IC for CMOS System Reset PST35XX, 36XX
Characteristics (For products with PST3509 detection voltage 0.9V typ. CMOS output)
Output voltage vs input voltage
0
0.7
0.75
0.8
0.85
0.9
0.95
1
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Input Voltage (V)
Consumption current vs input voltage
0
0.5
1
1.5
02468
10
2
Input Voltage (V)
CD Pin output current vs input voltage
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
0.2
0.4
0.6
0.8
VDS=0.5V
1
0.40
Input Voltage (V)
Delay time vs CD
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
1000
CD (
µF)
Detecting voltage vs temperature
0.80
0.85
0.90
0.95
-40 -20
0
20
406080
100
Temperature (
°C)
1.00
Hysteresis voltage vs temperature
0
10
20
30
40
50
60
70
-40 -20
0
20
406080
100
80
Temperature (
°C)
Note: These are typical characteristics.


Similar Part No. - PST3515UR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
PST3120 MITSUMI-PST3120 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
177Kb / 9P
   CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3122 MITSUMI-PST3122 Datasheet
177Kb / 9P
   CMOS System Reset
More results

Similar Description - PST3515UR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com