Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ-1.805SHP Datasheet(PDF) 1 Page - Recom International Power

Part # RJ-1.805SHP
Description  1 Watt DIP14 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RJ-1.805SHP Datasheet(HTML) 1 Page - Recom International Power

  RJ-1.805SHP Datasheet HTML 1Page - Recom International Power RJ-1.805SHP Datasheet HTML 2Page - Recom International Power RJ-1.805SHP Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
35
July-2006
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
DIP 14
4kV
(VDC)
(VDC)
(mA)
(%)
RJ-xx1.8S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
1.8
303
70
RJ-xx3.3S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
3.3
303
75
RJ-xx05S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
5
200
70-78
RJ-xx09S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
9
111
78-82
RJ-xx12S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
12
84
78-82
RJ-xx15S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
15
66
78-82
RJ-xx24S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
24
42
74-83
RG-xx1.8D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±1.8
±152
70
RG-xx3.3D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±3.3
±152
70
RG-xx05D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±5
±100
70-78
RG-xx09D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±9
±56
75-80
RG-xx12D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±12
±42
78-84
RG-xx15D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±15
±33
80-84
RG-xx24D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±24
±21
80-84
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RJ-0505S/P, RG-0505D/HP
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
57kHz min. / 90kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
102mW min./180mW typ./260mW max.
Isolation Voltage
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes.
Isolation Voltage
H-Suffix
(tested for 1 second)
4000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
20pF min. / 65pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
2.5g
continued on next page
1 Watt
DIP14
Single
& Dual
Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RJ & RG
Series
Dual Output from a Single Input Rail
3kVDC & 4kVDC Isolation
Optional Continuous Short Circuit Protected
Custom Solutions Available
UL94V-0 Package Material
Efficiency to 84%
Features
Unregulated
Converters
EN-60950-1 Certified
EN-60601-1 Certified


Similar Part No. - RJ-1.805SHP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RJ-1.805S RECOM-RJ-1.805S Datasheet
81Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RJ-1.805SHP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505S RECOM-RY-0505S_06 Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RA-XX1.8S RECOM-RA-XX1.8S Datasheet
94Kb / 2P
   RA Series 1 Watt DIP14 (Single & Dual Output)
RJZ-3.33.3S RECOM-RJZ-3.33.3S Datasheet
102Kb / 3P
   2 Watt DIP14 Single & Dual Output
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RY-1205D RECOM-RY-1205D Datasheet
112Kb / 2P
   ECONOLINE - DC/DC-Converter, 1 Watt, DIP14/SIP7, Regulated (Dual Output)
RSH3 RECOM-RSH3 Datasheet
915Kb / 6P
   3 Watt SMD DIP14 Single and Dual
REV.: 0/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com