Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13-FR Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # C13-FR
Description  Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C13-FR Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  C13-FR Datasheet HTML 1Page - Mitsumi Electronics, Corp. C13-FR Datasheet HTML 2Page - Mitsumi Electronics, Corp. C13-FR Datasheet HTML 3Page - Mitsumi Electronics, Corp. C13-FR Datasheet HTML 4Page - Mitsumi Electronics, Corp. C13-FR Datasheet HTML 5Page - Mitsumi Electronics, Corp. C13-FR Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MITSUMI
Power Inductors
DATA LIST (C10-FR1 Series)
* Rated current (L value) : A current value obtained when the inductance value has dropped by 10% of the initial value in DC superimposition
characteristic.
Rated current (temperature) : A current value where the temperature rise becomes 20˚C when flowing a current at normal temperature.
Inductance
Unloaded Q
Self Resonant
DC
Rated
Distinctive
Frequency
Resistance
Current *
Name
Marking
(µH)
(MHz)
(
Ω)
(A)
Remarks
(f=1kHz)
Tolerance
min.
Measured
min.
max.
(%)
Frequency (MHz)
L
Temperature
GH
392
3,900
±5
50
0.252
540
6.4
0.28
0.20
GJ
472
4,700
±5
50
0.252
490
7.1
0.25
0.19
GK
562
5,600
±5
50
0.252
410
9.0
0.22
0.17
GL
682
6,800
±5
50
0.252
380
10
0.21
0.16
GM
822
8,200
±5
50
0.252
360
12
0.19
0.15
HA
103
10,000
±5
60
0.0796
290
19
0.15
0.12
HB
123
12,000
±5
60
0.0796
270
21
0.14
0.11
HC
153
15,000
±5
60
0.0796
240
34
0.13
0.090
HD
183
18,000
±5
60
0.0796
210
38
0.12
0.081
HE
223
22,000
±5
60
0.0796
200
43
0.11
0.075
HF
273
27,000
±5
60
0.0796
150
67
0.098
0.060
HG
333
33,000
±5
40
0.0796
140
76
0.094
0.056
HH
393
39,000
±5
40
0.0796
130
84
0.084
0.053
HJ
473
47,000
±5
40
0.0796
120
96
0.075
0.050
HK
563
56,000
±5
40
0.0796
100
170
0.072
0.036
HL
683
68,000
±5
30
0.0796
95
200
0.071
0.035
HM
823
82,000
±5
30
0.0796
88
210
0.063
0.033
JA
104
100,000
±5
30
0.0252
85
240
0.058
0.031
JB
124
120,000
±5
30
0.0252
70
260
0.053
0.030
JC
154
150,000
±5
30
0.0252
69
300
0.048
0.028


Similar Part No. - C13-FR

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
C13-0126 MARKIMICROWAVE-C13-0126 Datasheet
277Kb / 3P
   DIRECTIONAL COUPLER
C13-0140 MARKIMICROWAVE-C13-0140 Datasheet
280Kb / 3P
   DIRECTIONAL COUPLER
C13-0150 MARKIMICROWAVE-C13-0150 Datasheet
227Kb / 3P
   DIRECTIONAL COUPLER
logo
Mitsumi Electronics, Co...
C13-K MITSUMI-C13-K Datasheet
151Kb / 16P
   Power Inductors
C13-K4.5L MITSUMI-C13-K4.5L Datasheet
151Kb / 16P
   Power Inductors
More results

Similar Description - C13-FR

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com