Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP40-242.5SG Datasheet(PDF) 5 Page - Recom International Power

Part # RP40-242.5SG
Description  40 Watt Single, Dual, Positive Dual & Triple Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-242.5SG Datasheet(HTML) 5 Page - Recom International Power

  RP40-242.5SG Datasheet HTML 1Page - Recom International Power RP40-242.5SG Datasheet HTML 2Page - Recom International Power RP40-242.5SG Datasheet HTML 3Page - Recom International Power RP40-242.5SG Datasheet HTML 4Page - Recom International Power RP40-242.5SG Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
4
28.20
50.80
2
3
45.70
12.70
15.20
Bottom View
10.20
dia.
1.0
1
2.5
15.30
20.30
5.10
6
7
8
9
7.6
5.10
5.6
0.70
50.80
RP40-S_D_TG
Series
Notes :
POWERLINE
DC/DC-Converter
Package Style and Pinning (mm)
3rd angle
projection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
Triple
Dual Positive
1
+Vin
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
-Vin
3
CTRL
CTRL
CTRL
CTRL
4
NC
No Pin
+Aux
3.3V
5
-Sense (Note1)
+Vout
Com
3.3V RTN(Com)
6
+Sense (Note1)
Com
-Aux
NC
7
+Vout
Com
+Vout
NC
8
-Vout
-Vout
-Vout(Com)
5V
9
Trim
Trim
NC
5V RTN(Com)
NC = No Connection
Trim Up
RU
Trim Down
RD
8(8)
9(9)
9(9)
7(5)
External Output Trimming
Output can be externally trimmed by using the method
shown below.
( ) for dual output trim
1. Maximum output deviation is 10% inclusive of remote sense and trim. If remote sense is not being used, the +Vsense should be connected to its
corresponding +OUTPUT and likewise the sense should be connected to its corresponding -OUTPUT
2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
3. Simulated source impedance of 12µH. 12µH inductor in series with +Vin.
4. Maximum value at nominal input voltage and full load of standard type.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistor load.
7. The ON/OFF control pin voltage is referenced to negative input.
8. Heat sink is optional and P/N: 7G-0026A.
9. The triple output required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not
damage these devices,however they may not meet all listed specification.
10. Load regulation for triple output:
Main output(V1):10 to 100% with 10% to 100% balanced on auxiliaries.
Auxiliary outputs(V2 and V3):10% to 100% balanced on all outputs.
11.Cross regulation for triple output:
Main output 100% load, auxiliary 100%,other auxiliary25% to 100%.
Auxiliary outputs(V2 and V3):main output 100% load, auxiliary 100%, other auxiliary
25% to 100% or main output 25%,auxiliary 25%,other auxiliary 25% to 100%.
12.The models of RP40-XX3.305DG are specified with a 1uF ceramic output capacitors.
13.An external filter capacitor is required for normal operation. The capacitor should be capable of handing 1A ripple current for 48V/24V models.
RECOM suggest: Nippon chemi-con KMF series, 220µF/100V, ESR 90m
Ω.
14.Operating frequency for dual output: master (5Vo) 300KHz slave (3.3Vo) 500KHz.
15.Any condition of dual output (3.3V/5V) rated Iout current, not to exceed 8A of total output currents. The product safety approval pending.
16.See application notes for EMI-filtering.
July-2006
279
www.recom-international.com


Similar Part No. - RP40-242.5SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-242.5SG RECOM-RP40-242.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-242.5SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com