Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP10-2412DEN Datasheet(PDF) 1 Page - Recom International Power

Part # RP10-2412DEN
Description  10 Watt 2??x 1??Package Single & Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-2412DEN Datasheet(HTML) 1 Page - Recom International Power

  RP10-2412DEN Datasheet HTML 1Page - Recom International Power RP10-2412DEN Datasheet HTML 2Page - Recom International Power RP10-2412DEN Datasheet HTML 3Page - Recom International Power RP10-2412DEN Datasheet HTML 4Page - Recom International Power RP10-2412DEN Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10 Watt
2” x 1” Package
Single & Dual
Output
POWERLINE
DC/DC-Converter
RP10-
S_DE
Series
2:1 Wide Input Voltage Range
10 Watts Output Power
1.6kVDC Isolation
UL Certified
Fixed Operating Frequency
Six-Sided Continuous Shield
Standard 50.8 x25.4x10.2mm Package
Efficiency to 86%
Features
Selection Guide 12V, 24V and 48V Input Types
Part Number
Input
Output
Output
Input
(4)
Efficiency
(5)
Capacitive
(6)
Range
Voltage
Current
Current
Load max.
VDC
VDC
mA
mA
%
µF
RP10-123.3SE
9-18
3.3
2000
724
80
6800
RP10-1205SE
9-18
5
2000
1082
81
4700
RP10-1212SE
9-18
12
830
1064
82
690
RP10-1215SE
9-18
15
670
1088
81
470
RP10-243.3SE
18-36
3.3
2000
362
80
6800
RP10-2405SE
18-36
5
2000
534
82
4700
RP10-2412SE
18-36
12
830
519
84
690
RP10-2415SE
18-36
15
670
523
84
470
RP10-483.3SE
36-75
3.3
2000
183
79
6800
RP10-4805SE
36-75
5
2000
260
84
4700
RP10-4812SE
36-75
12
830
253
86
690
RP10-4815SE
36-75
15
670
258
85
470
RP10-1205DE
9-18
±5
±1000
1068
82
±680
RP10-1212DE
9-18
±12
±416
1053
83
±330
RP10-1215DE
9-18
±15
±333
1041
84
±110
RP10-2405DE
18-36
±5
±1000
548
80
±680
RP10-2412DE
18-36
±12
±416
520
84
±330
RP10-2415DE
18-36
±15
±333
520
84
±110
RP10-4805DE
36-75
±5
±1000
267
82
±680
RP10-4812DE
36-75
±12
±416
254
86
±330
RP10-4815DE
36-75
±15
±333
260
84
±110
* add suffix /M
M2 for higher efficiencies and extended temperature range.
* add /P
P for CTRL function with Positive Logic (1=ON, 0=OFF)
* add /N
N for CTRL function with Negative Logic (0=ON, 1=OFF)
Description
The E-Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all
Telecom and safety applications where approved isolation is required.
They also meet UL 1950 and CSA 950 standards
(9).
UL-60950-1 Certified
July-2006
219
www.recom-international.com


Similar Part No. - RP10-2412DEN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-2412DE RECOM-RP10-2412DE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-2412DE RECOM-RP10-2412DE Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
RP10-2412DEW RECOM-RP10-2412DEW Datasheet
99Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-2412DEW RECOM-RP10-2412DEW Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-2412DEW RECOM-RP10-2412DEW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
More results

Similar Description - RP10-2412DEN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-2405SEW RECOM-RP10-2405SEW_06 Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
RP15-123.3SF RECOM-RP15-123.3SF_06 Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
   10 Watt 2 x 1 Single and Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
RP10-1233SE RECOM-RP10-1233SE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW Datasheet
99Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com