Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP20-4812DF Datasheet(PDF) 1 Page - Recom International Power

Part # RP20-4812DF
Description  20 Watt 2??x 1??Package Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-4812DF Datasheet(HTML) 1 Page - Recom International Power

  RP20-4812DF Datasheet HTML 1Page - Recom International Power RP20-4812DF Datasheet HTML 2Page - Recom International Power RP20-4812DF Datasheet HTML 3Page - Recom International Power RP20-4812DF Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
20 Watt
2” x 1” Package
Single & Dual
Output
POWERLINE
DC/DC-Converter
RP20-
S_DF
Series
2:1 Wide Input Voltage Range
20 Watts Output Power
1.6kVDC Isolation
UL Certified
Fixed Operating Frequency
Six-Sided Continuous Shield
Standard 50.8 x25.4x10.2mm Package
Efficiency to 89%
Features
Selection Guide 12V, 24V and 48V Input Types
Part Number
Input
Output
Output
Input
(4)
Efficiency
(5) Capacitive(6)
Range
Voltage
Current
Current
Load max.
VDC
VDC
mA
mA
%
µF
RP20-121.5SF
9-18
1.5
6000
1014
78
65000
RP20-121.8SF
9-18
1.8
6000
1200
79
65000
RP20-122.5SF
9-18
2.5
6000
1603
82
33000
RP20-123.3SF
9-18
3.3
5000
1719
84
13000
RP20-1205SF
9-18
5
4000
2008
87
6800
RP20-1212SF
9-18
12
1670
2062
85
2200
RP20-1215SF
9-18
15
1330
2052
85
755
RP20-241.5SF
18-36
1.5
6000
493
80
65000
RP20-241.8SF
18-36
1.8
6000
584
81
65000
RP20-242.5SF
18-36
2.5
6000
781
84
33000
RP20-243.3SF
18-36
3.3
5000
838
86
13000
RP20-2405SF
18-36
5
4000
980
89
6800
RP20-2412SF
18-36
12
1670
1006
87
2200
RP20-2415SF
18-36
15
1330
1002
87
755
RP20-481.5SF
36-75
1.5
6000
247
80
65000
RP20-481.8SF
36-75
1.8
6000
288
82
65000
RP20-482.5SF
36-75
2.5
6000
391
84
33000
RP20-483.3SF
36-75
3.3
5000
414
87
13000
RP20-4805SF
36-75
5
4000
490
89
6800
RP20-4812SF
36-75
12
1670
497
88
2200
RP20-4815SF
36-75
15
1330
500
87
755
RP20-1212DF
9-18
±12
±833
2032
86
±680
RP20-1215DF
9-18
±15
±667
2034
86
±450
RP20-2412DF
18-36
±12
±833
1004
87
±680
RP20-2415DF
18-36
±15
±667
1005
87
±450
RP20-4812DF
36-75
±12
±833
496
88
±680
RP20-4815DF
36-75
±15
±667
502
87
±450
UL-60950-1 Certified
* no suffix for CTRL function with Positive Logic (1=ON, 0=OFF), this is standard
* add /N for CTRL function with Negative Logic (0=ON, 1=OFF)
July-2006
255
www.recom-international.com


Similar Part No. - RP20-4812DF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-4812DF RECOM-RP20-4812DF Datasheet
96Kb / 4P
   20 Watt 2inch x 1inch Package Single & Dual Output
RP20-4812DF RECOM-RP20-4812DF Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-4812DFR RECOM-RP20-4812DFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-4812DFW RECOM-RP20-4812DFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP20-4812DFW RECOM-RP20-4812DFW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
More results

Similar Description - RP20-4812DF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP15-123.3SF RECOM-RP15-123.3SF_06 Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW_06 Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
   20 Watt 1??x 2??Single Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
   20 Watt 2” x 1” Single Output
REV.: 0/2022
RPP20-2424S RECOM-RPP20-2424S Datasheet
103Kb / 6P
   20 Watt 2 1 Single Dual Output
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
RP20-121.5SF RECOM-RP20-121.5SF Datasheet
96Kb / 4P
   20 Watt 2inch x 1inch Package Single & Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com