Electronic Components Datasheet Search |
|
RP40-2412SG Datasheet(PDF) 3 Page - Recom International Power |
|
RP40-2412SG Datasheet(HTML) 3 Page - Recom International Power |
3 / 5 page POWERLINE DC/DC-Converter RP40-S_D_TG Series 92 83 82 Input Voltage (V) 36 84 85 86 87 88 89 91 90 42 54 66 48 72 60 75 Efficiency VS Input Voltage 80 75 65 Output Load (A) 82 84 86 88 90 92 94 70 15 8 34 6 7 2 Efficiency VS Output Load RP40-4805SG RP40-4805SG Typical Characteristics Specifications (typical at nominal input and 25°C unless otherwise noted) Input Voltage Range 12V nominal input 9-18VDC 24V nominal input 18-36VDC 48V nominal input 36-75VDC Under Voltage Lockout 12V input DC-DC ON 9VDC DC-DC OFF 8VDC 24V input DC-DC ON 17.8VDC DC-DC OFF 16VDC 48V input DC-DC ON 36VDC DC-DC OFF 34VDC Input Filter (see Note 13) L-C Type Input Voltage Variation dv/dt (Complies with ETS300 132 part 4.4) 5V/ms max Input Surge Voltage (100 ms max.) 12V Input 36VDC 24V Input 50VDC 48V Input 100VDC Input Reflected Ripple (nominal Vin and full load see Note 3) 40mAp-p Start Up Time (nominal Vin and constant resistor load) 25ms typ. Remote ON/OFF (see Note 7) DC-DC ON Open or 3.5V < Vr < 12V ( Positive logic ) DC-DC OFF Short or 0V < Vr < 1.2V Remote OFF input current Nominal input 2.5mA Output Power 40W max. Output Voltage Accuracy (full Load and nominal Vin) Single & Dual ±1% Triple Main ±1% Auxiliary ±5% Voltage Adjustability ±10% Minimum Load Single and Dual Positive 0% Dual and Triple 10% of full load Line Regulation (low line, high line at full load) Single & Dual ±0.5% Triple Main ±1% Triple Auxiliary ±5% continued on next page July-2006 277 www.recom-international.com |
Similar Part No. - RP40-2412SG |
|
Similar Description - RP40-2412SG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |