Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP40-123.305DE Datasheet(PDF) 2 Page - Recom International Power

Part # RP40-123.305DE
Description  40 Watt Single, Dual, Positive Dual & Triple Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-123.305DE Datasheet(HTML) 2 Page - Recom International Power

  RP40-123.305DE Datasheet HTML 1Page - Recom International Power RP40-123.305DE Datasheet HTML 2Page - Recom International Power RP40-123.305DE Datasheet HTML 3Page - Recom International Power RP40-123.305DE Datasheet HTML 4Page - Recom International Power RP40-123.305DE Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
Input Voltage Range
12V nominal input
9-18VDC
24V nominal input
18-36VDC
48V nominal input
36-75VDC
Input Filter
Pi Type
Input Surge Voltage (100 ms max.)
12V Input
36VDC
24V Input
50VDC
48V Input
100VDC
Input Reflected Ripple (nominal Vin and full load) (see Note 3)
40mAp-p
Start Up Time (nominal Vin and constant resistor load)
25ms typ.
Remote ON/OFF (see Note 7)
DC-DC ON
Open or 3.5V < Vr < 12V
DC-DC OFF
Short or 0V < Vr < 1.2V
Remote OFF input current
Nominal input
30mA
Output Power
40W max.
Output Voltage Accuracy (full Load and nominal Vin)
Single & Dual
±2%
Triple 3.3V, 5V
±2%
Auxiliary
±5%
continued on next page
Derating-Graph (Ambient Temperature)
POWERLINE
DC/DC-Converter
RP40-S_D_TE
Series
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50 60
80 90 100
Natural Convection
-40
70
55°C
RP40-4805SE
91
83
82
80
Input Voltage (V)
36
84
85
86
87
88
89
90
81
40
55
65
45 50
70
60
75
Efficiency VS Input Voltage
91
70
60
45
Output Load (A)
0,5
80
82
84
86
88
89
90
50
15
8
34
6
7
2
Efficiency VS Output Load
RP40-4805SE
RP40-4805SE
Typical Characteristics
Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a
part-number not shown here please contact our technical customer service at info@recom-development.at
July-2006
271
www.recom-international.com


Similar Part No. - RP40-123.305DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-123.305DE RECOM-RP40-123.305DE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-123.305DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com