Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP50-241.8SP Datasheet(PDF) 4 Page - Recom International Power

Part # RP50-241.8SP
Description  50 Watt Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP50-241.8SP Datasheet(HTML) 4 Page - Recom International Power

  RP50-241.8SP Datasheet HTML 1Page - Recom International Power RP50-241.8SP Datasheet HTML 2Page - Recom International Power RP50-241.8SP Datasheet HTML 3Page - Recom International Power RP50-241.8SP Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Trim Up
RU
Trim Down
RD
8
7
7
6
Product Options Table
External Output Trimming
Output can be externally trimmed by using the method
shown below.
Package Style and Pinning (mm)
RP50-S
Series
INNOLINE
DC/DC-Converter
3rd angle
projection
60.96
57.91
Bottom View
50.80
35.56
15.24
10.16
4
3
2
8
7
6
9
12.70
5.08
48.26
Side View
17.78
25.40
4xM3 x 0.5 ( Note 10)
5
1
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin pitch tolerance 0.35mm
Pin Connections
Pin #
Function
Pin Ø
1
–Vin
1.016 mm
2
Case
1.016 mm
3
Remote ON/OFF
1.016 mm
4
+Vin
1.016 mm
5
–Vout
2.032 mm
6
–Vsense
1.016 mm
7
Trim
1.016 mm
8
+Vsense
1.016 mm
9
+Vout
2.032 mm
Option
Suffix
Negative remote ON/OFF logic, 0.20” pin length (standard)
Negative remote ON/OFF logic, 0.145” pin length
L
Negative remote ON/OFF logic, 0.11” pin length
K
Positive remote ON/OFF logic, 0.20” pin length
P
Positive remote ON/OFF logic, 0.145” pin length
S
Positive remote ON/OFF logic, 0.11” pin length
M
Example: RP50-483.3S/P
July-2006
181
www.recom-international.com


Similar Part No. - RP50-241.8SP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP50-241.8S RECOM-RP50-241.8S Datasheet
95Kb / 4P
   50 Watt Single Output
More results

Similar Description - RP50-241.8SP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP50-241.8S RECOM-RP50-241.8S Datasheet
95Kb / 4P
   50 Watt Single Output
RP50-481.8SB RECOM-RP50-481.8SB Datasheet
97Kb / 4P
   50 Watt Single Output
RPR50-243.3S RECOM-RPR50-243.3S Datasheet
196Kb / 6P
   50 Watt Single & Dual Output
RPP40 RECOM-RPP40 Datasheet
152Kb / 4P
   40/50 Watt Single Output
logo
Artesyn Technologies
LCB50D ARTESYN-LCB50D Datasheet
479Kb / 3P
   50 Watt Single Output Power Supply
logo
Recom International Pow...
RPR50-11012S-B RECOM-RPR50-11012S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR50-11024S-B RECOM-RPR50-11024S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR50-11005S-B RECOM-RPR50-11005S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
logo
Wall Industries,Inc.
DCSD-50 WALL-DCSD-50 Datasheet
220Kb / 3P
   50 Watt Single Output Chassis Mount DC/DC Converter
logo
C&D Technologies
WPA50 CANDD-WPA50 Datasheet
156Kb / 4P
   50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com