Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP40-120512TE Datasheet(PDF) 5 Page - Recom International Power

Part # RP40-120512TE
Description  40 Watt Single, Dual, Positive Dual & Triple Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-120512TE Datasheet(HTML) 5 Page - Recom International Power

  RP40-120512TE Datasheet HTML 1Page - Recom International Power RP40-120512TE Datasheet HTML 2Page - Recom International Power RP40-120512TE Datasheet HTML 3Page - Recom International Power RP40-120512TE Datasheet HTML 4Page - Recom International Power RP40-120512TE Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Converter 2
Converter 1
Sync
+
–
Sync
+
–
CLK
2
4
3
2
4
3
+ Vin
– Vin
2N7000
20%
CLK Signal
80%
Converter
CTRL
+
–
ON/OFF
Control
2
1
3
+ Vin
– Vin
1. The unit is capable of external synchronization from
an independent time base with a switching rate
between 200kHz and 215 kHz.
2. The amplitude of the synchronizing pulse train is
TTL compatible.
3. The duty cycle of the CLK should be 20% high and
80% low.
4. Synchronization is referenced to negative input
(–Vin).
Trim Up
RU
Trim Down
RD
7(7) [9]
{6}
6(8) [10]
{8}
5(5) [8]
{5}
6(8) [10]
{8}
External Output Trimming
Output can be externally trimmed by using the method
shown below.
( ) for dual output trim
[ ] for triple output trim
{ } for RP40-xx3.305DE only trim 3.3V / 5V
Application of Synchronization
POWERLINE
DC/DC-Converter
RP40-S_D_TE
Series
July-2006
www.recom-international.com
274


Similar Part No. - RP40-120512TE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-120512TE RECOM-RP40-120512TE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-120512TE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com