Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ-2412SHP Datasheet(PDF) 2 Page - Recom International Power

Part # RJ-2412SHP
Description  1 Watt DIP14 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RJ-2412SHP Datasheet(HTML) 2 Page - Recom International Power

  RJ-2412SHP Datasheet HTML 1Page - Recom International Power RJ-2412SHP Datasheet HTML 2Page - Recom International Power RJ-2412SHP Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
36
www.recom-international.com
July-2006
Typical Characteristics
Specifications (Core Operating Area)
RJ & RG
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0509
1209
3.309
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.312
0512
1212
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
3.305
1205
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0509
0.000
5.000
10.000
15.000
20.000
25.000
3.309
1209
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0512
0.000
5.000
10.000
15.000
20.000
25.000
3.312
1212
RJ-xx05S
RJ-xx12S
RJ-xx09S
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.315
1215
0515
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0509
1209
3.309
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0515
0.000
5.000
10.000
15.000
20.000
25.000
3.315
1215
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
3.305
1205
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0509
0.000
5.000
10.000
15.000
20.000
25.000
3.309
1209
RJ-xx15S
RG-xx09D
RG-xx05D
MTBF (+25°C)
using MIL-HDBK 217F RJ types
992 x 10
3 hours
RG types
1012 x 10
3 hours
(+85°C)
using MIL-HDBK 217F RJ types
145 x 10
3 hours
RG types
151 x 10
3 hours
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RJ-2412SHP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RJ-2412S RECOM-RJ-2412S Datasheet
81Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RJ-2412SHP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505S RECOM-RY-0505S_06 Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RA-XX1.8S RECOM-RA-XX1.8S Datasheet
94Kb / 2P
   RA Series 1 Watt DIP14 (Single & Dual Output)
RJZ-3.33.3S RECOM-RJZ-3.33.3S Datasheet
102Kb / 3P
   2 Watt DIP14 Single & Dual Output
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RY-1205D RECOM-RY-1205D Datasheet
112Kb / 2P
   ECONOLINE - DC/DC-Converter, 1 Watt, DIP14/SIP7, Regulated (Dual Output)
RSH3 RECOM-RSH3 Datasheet
915Kb / 6P
   3 Watt SMD DIP14 Single and Dual
REV.: 0/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com