Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP100-482.5SN Datasheet(PDF) 3 Page - Recom International Power

Part # RP100-482.5SN
Description  100 Watt Isolated Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP100-482.5SN Datasheet(HTML) 3 Page - Recom International Power

  RP100-482.5SN Datasheet HTML 1Page - Recom International Power RP100-482.5SN Datasheet HTML 2Page - Recom International Power RP100-482.5SN Datasheet HTML 3Page - Recom International Power RP100-482.5SN Datasheet HTML 4Page - Recom International Power RP100-482.5SN Datasheet HTML 5Page - Recom International Power RP100-482.5SN Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Isolation Voltage
Input to Output
1600VDC min.
Input to Case
1000VDC min.
Output to Case
1000VDC min.
Isolation Resistance
Single
10 M
Ω min.
Dual
10 G
Ω min.
Isolation Capacitance
Single
2500pF max.
Dual
1500pF max.
Operating Frequency
300KHz typ.
Operating Base-plate Temperature Range ( Note 6 )
-40ºC to +100ºC
Over Temperature Protection
Single
110°C
Dual for Base-plate
105°C
Storage Temperature Range
-55°C to +125°C
Humidity max., Non-condensing
95%
Thermal Shock
MIL-STD-810D
Vibration
10 ~ 55Hz 2G, 3minutes period, 30minutes analog
X, Y and Z
Conducted Emissions
EN55022 (Note 7)
Level A
EN55022 (Note 7)
Level B
Radiated Emisssions
EN55022
Level A
ESD
EN61000-4-2
Perf. Criteria2
Radiated Immunity
EN61000-4-3
Perf. Criteria2
Fast Transient
EN61000-4-4
Perf. Criteria2
Surge
EN61000-4-5
Perf. Criteria2
Conducted Immunity
EN61000-4-6
Perf. Criteria2
Case Material
Dual
Non-conductive black plastic
Base material
Aluminum base-plate
Potting material
Dual
Silicon (UL94-V0)
Weight
Single
55g
Dual
105g
MTBF ( Note 6 )
Single
2000 x 10
3
hours
Dual
1004 x 10
3
hours
Specifications (refer to the standard application circuit, Ta: 25°C)
INNOLINE
DC/DC-Converter
RP100-S_DI
Series
July-2006
197
www.recom-international.com


Similar Part No. - RP100-482.5SN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP100-482.5S RECOM-RP100-482.5S Datasheet
107Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-482.5SB RECOM-RP100-482.5SB Datasheet
96Kb / 4P
   100 Watt Single Output
More results

Similar Description - RP100-482.5SN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP100-481.8S RECOM-RP100-481.8S Datasheet
107Kb / 6P
   100 Watt Isolated Single & Dual Output
RP75-481.8S RECOM-RP75-481.8S_06 Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-481.8S RECOM-RP75-481.8S Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com