Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST9227 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST9227
Description  IC for System Reset Monolithic IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST9227 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST9227 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST9227 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST9227 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST9227 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST9227 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST9227 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUMI
IC for System Reset PST92XX
IC for System Reset
Monolithic IC PST92XX Series
Outline
This IC is a reset IC with a delay circuit which realizes high-precision detection accuracy and is provided in an
ultra-small package.
Features
1. Internal delay circuit
Delay time can be set with an external capacitor.
2. High-precision detection accuracy
Vs±1.5%.
3. Low current consumption
3µA typ.
Package
SOT-25A
Applications
Pin Assignment
Equivalent Circuit Diagram
Microcomputer reset and battery level detection
12
3
54
SOT-25A
(TOP VIEW)
MITSUMI
1
TC
2
SUB
3
GND
4
VOUT
5
VCC
July 18, 2000


Similar Part No. - PST9227

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST9227 MITSUMI-PST9227 Datasheet
135Kb / 6P
   System Reset
More results

Similar Description - PST9227

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
PST611 MITSUMI-PST611 Datasheet
118Kb / 5P
   System Reset Monolithic IC PST611
PST575 MITSUMI-PST575 Datasheet
139Kb / 6P
   System Reset Monolithic IC PST575
MM1482 MITSUMI-MM1482 Datasheet
69Kb / 6P
   IC for RegulatorReset Monolithic IC
PST7046 MITSUMI-PST7046 Datasheet
47Kb / 3P
   System Reset Monolithic IC PST70XX Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com