Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS-1205D Datasheet(PDF) 2 Page - Recom International Power

Part # RS-1205D
Description  2 Watt SIP8 Isolated Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS-1205D Datasheet(HTML) 2 Page - Recom International Power

  RS-1205D Datasheet HTML 1Page - Recom International Power RS-1205D Datasheet HTML 2Page - Recom International Power RS-1205D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Derating-Graph
(Ambient Temperature)
Typical Characteristics
Description
Input Voltage Range
2:1
Output Accuracy
Single output
±1%
Dual output
±2%
Line Voltage Regulation
Single output
±0.2% max.
Dual output
±0.5% max.
Load Voltage Regulation
Single & Dual output
±0.5% typ.
(25% to 100% full load)
Output Ripple and Noise (20MHz limited)
50mVp-p max.
Switching Frequency (at full Load)
Single output
85kHz min.
Dual output
100kHz min. / 700kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
50mW min. / 139mW typ. / 250mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
H2
2000VDC min.
H3
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance (1000V version)
Single
10pF min. / 40pF typ. / 60pF max.
Isolation Capacitance (H2 and H3)
Single
5pF min. / 30pF typ. / 60pF max.
Isolation Capacitance (1000V version)
Dual
120pF min. / 170pF typ. / 250pF max.
Isolation Capacitance (H2 and H3)
Dual
5pF min. / 30pF typ. / 60pF max.
Isolation Resistance
1G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range
–40°C to +85°C
Storage Temperature Range
–55°C to +125°C
Relative Humidity
95% RH
Package Weight
4.8g
MTBF (+25°C)
using MIL-HDBK 217F
1398 x 10
3 hours
(+85°C)
using MIL-HDBK 217F
210 x 10
3 hours
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
RS
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
2412
2409
2415
RS-24xx
2
0
6
4.5
1.70
7
8
5
0.5
1
1.5
Input Voltage (V)
9
RS-types
High power-density, an industrial temperature range of -40°C to +85°C and extra features like Remote-On-
Off-control are just some of the characteristics of this converter, ideal for highly sophisticated industrial
designs. The RS series is available with isolation of 2kV or 3kV by chosing option "/H2" or "/H3" in which case
it is also ideal for medical applications which additionally require EN-60601-1 certification.
}DetailedInformationsee
Application Notes chapter "MTBF"
January-2007
89
www.recom-international.com


Similar Part No. - RS-1205D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-1205D/H2 RECOM-RS-1205D/H2 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-1205D/H3 RECOM-RS-1205D/H3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
More results

Similar Description - RS-1205D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS3-053.3S RECOM-RS3-053.3S Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
REM2 RECOM-REM2 Datasheet
700Kb / 7P
   2 Watt SIP8 Single and Dual Output
RSK-RUW RECOM-RSK-RUW Datasheet
1Mb / 4P
   2 Watt SIP8 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com