Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC7.5-4805DRWH3AM Datasheet(PDF) 1 Page - Recom International Power

Part # REC7.5-4805DRWH3AM
Description  7.5 Watt DIP24 & SMD Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC7.5-4805DRWH3AM Datasheet(HTML) 1 Page - Recom International Power

  REC7.5-4805DRWH3AM Datasheet HTML 1Page - Recom International Power REC7.5-4805DRWH3AM Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
71
30
Derating-Graph
(Ambient Temperature)
Selection Guide
7.5 Watt
DIP24
& SMD
Single
& Dual
Output
ECONOLINE
DC/DC-Converter
REC7.5-
S_DRW/H*
/AM Series
7.5W DIP24 and SMD Package
1KVDC, 2KVDCand 3kVDC Isolation Options
UL94V-0 Package Material
Continuous Short Circuit Protection
Auto-Restarting
Wide Input Voltage Range 2:1
5 Side Shielded Metal Case
Full SMD design
100% Burned In
Efficiency to 86%
Features
Regulated
Converters
Specifications (Core Operating Area)
Part
Input
Output
Max. Cap.
Output
Efficiency
Number
Voltage
Voltage
Load
Current
DIP24
(VDC)
(VDC)
(µF)
(mA)
(%)
REC7.5-xx3.3SRW/H*/AM
9-18, 18-36, 36-72
3.3
3300
1.800
78
REC7.5-xx05SRW/H*/AM
9-18, 18-36, 36-72
5
2200
1.500
81-82
REC7.5-xx09SRW/H*/AM
9-18, 18-36, 36-72
9
680
833
83-84
REC7.5-xx12SRW/H*/AM
9-18, 18-36, 36-72
12
330
625
84-85
REC7.5-xx15SRW/H*/AM
9-18, 18-36, 36-72
15
220
500
85-86
REC7.5-xx05DRW/H*/AM
9-18, 18-36, 36-72
±5
±1000
±750
81-82
REC7.5-xx09DRW/H*/AM
9-18, 18-36, 36-72
±9
±330
±417
83-84
REC7.5-xx12DRW/H*/AM
9-18, 18-36, 36-72
±12
±160
±312
84-85
REC7.5-xx15DRW/H*/AM
9-18, 18-36, 36-72
±15
±100
±250
85-86
Input Voltage Range
2:1
Output Voltage Accuracy
±2% max.
Line Voltage Regulation
0.4% max.
Load Voltage Regulation (25% to 100% full load )
0.8% max.
Output Ripple and Noise (at 20MHz BW)
3.3V output type
100mVp-p max.
5, 9, 12 and 15V output types
50mVp-p max.
Operating Frequency
120kHz typ.
Efficiency at Full Load
see Selection Guide
Isolation Voltage
H1 types
(tested for 1 second)
1000VDC min.
Isolation Voltage
H2 types
(tested for 1 second)
2000VDC min.
Isolation Voltage
H3 types
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Note
Isolation Capacitance
50pFtyp.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous, Auto Restart
Operating Temperature Range (free air convection)
-40°C to +71°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Case Material
Nickel Plated Metal with Non-Conductive Base
Package Weight
16g
MTBF (+25°C)
using MIL-HDBK 217F
800 x 10
3hours
(+71°C)
using MIL-HDBK 217F
>200 x 10
3hours
2:1
xx = 9-18Vin = 12V,
xx = 18-36Vin = 24,
xx = 36-72Vin = 48
* add suffix /H1 for 1kVDC Isolation, /H2 for 2kVDC
Isolation or /H3 for 3kVDC Isolation
*/H3 version is not available in /AM/SMD combination
* add suffix /SMD for SMD package, e.g. REC7.5-
2405DRW/H1/AM/SMD
* no plastic case is available for REC7.5
The REC7.5-xxxxSRW/DRW-series a wide
input voltage range of DC/DC converters
offering single and dual regulated outputs.
24-pin DIP and high efficiency allows an
operating temperature of -40°C to +71°C.
Description
Detailed Information see
Application Notes chapter "MTBF"
EN-60950-1 Certified
EN-60601-1 Certified
(Suffix H3)
UL-60950-1 Certified
January-2006
www.recom-international.com
122
/H3/AM/SMD combination is not allowed


Similar Part No. - REC7.5-4805DRWH3AM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC7.5-4805DRW/AM RECOM-REC7.5-4805DRW/AM Datasheet
87Kb / 2P
   7.5 Watt 7.5 Watt Single Dual Output
More results

Similar Description - REC7.5-4805DRWH3AM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC7.5-XX3.3SRWHAM RECOM-REC7.5-XX3.3SRWHAM_10 Datasheet
126Kb / 3P
   7.5 Watt DIP24 & SMD Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com