Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

313914713411 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 313914713411
Description  Desktop video & FM radio module system M, N
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

313914713411 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 313914713411 Datasheet HTML 4Page - NXP Semiconductors 313914713411 Datasheet HTML 5Page - NXP Semiconductors 313914713411 Datasheet HTML 6Page - NXP Semiconductors 313914713411 Datasheet HTML 7Page - NXP Semiconductors 313914713411 Datasheet HTML 8Page - NXP Semiconductors 313914713411 Datasheet HTML 9Page - NXP Semiconductors 313914713411 Datasheet HTML 10Page - NXP Semiconductors 313914713411 Datasheet HTML 11Page - NXP Semiconductors 313914713411 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Feb 03
8
Philips Components
Preliminary specification
Desktop video & FM radio module
system M, N
FM1236
handbook, full pagewidth
IF
PROBE
OUT
IF
output
12 13 14 15
TP2
TP3
21
20
10
9
22 23 24 25
aerial
connector
VT
VS
SCL
SDA
BU2
15
nF
33
µF
1
nF
10
nF
BU6
BU2
BU4
BU5
BU8
BU7
+5 V
DA
DA
SA
TEST JIG
(1)
(2)
video
out
P
5
k
3
k
CCA506
11
5
63
8
4
1
7
2
220
nF
22
220
k
47
µF
1
µF
47
k
47
k
47
µF
47
µF
39
k
+
+
220
nF
39
k
22
22
240
k
240
k
+
+
5 V
220
k
1/
2 TDA1308
1/
2 TDA1308
S1
15 kHz
LOW-PASS
FILTER
++
Fig.2 Typical test set up.
(1) BU4 loaded with 75
Ω.
(2) 75
µs de-emphasis.
SA = Spectrum Analyzer.
P = FET probe.
DA = Distortion Analyzer.
VAC = dual channel AC voltmeter (Zi = 600 Ω)
The minimum load impedance required at the CVBS output (pin 23) is 75
Ω (both AC and DC).


Similar Part No. - 313914713411

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31391 ETC2-31391 Datasheet
259Kb / 1P
   Wiha Insulated 1/4 Sockets & Sets
logo
METZ CONNECT GmbH
313911 METZ-313911 Datasheet
308Kb / 5P
   spring clamp terminal block, pluggable
More results

Similar Description - 313914713411

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FM1246 PHILIPS-FM1246 Datasheet
177Kb / 24P
   Desktop video & FM radio module system CCIR I
1997 May 14
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
   AM/FM RADIO SYSTEM
logo
Hitachi Semiconductor
HA11251 HITACHI-HA11251 Datasheet
80Kb / 2P
   FM/AM Radio Receiver System
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
logo
STMicroelectronics
TCA3189 STMICROELECTRONICS-TCA3189 Datasheet
165Kb / 4P
   FM-IF HIGH QUALITY RADIO SYSTEM
June 1988
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
   FM RADIO RECEIVER FOR PORTABLE SYSTEM
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com