Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FODM121D Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FODM121D
Description  4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM121D Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FODM121D Datasheet HTML 1Page - Fairchild Semiconductor FODM121D Datasheet HTML 2Page - Fairchild Semiconductor FODM121D Datasheet HTML 3Page - Fairchild Semiconductor FODM121D Datasheet HTML 4Page - Fairchild Semiconductor FODM121D Datasheet HTML 5Page - Fairchild Semiconductor FODM121D Datasheet HTML 6Page - Fairchild Semiconductor FODM121D Datasheet HTML 7Page - Fairchild Semiconductor FODM121D Datasheet HTML 8Page - Fairchild Semiconductor FODM121D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
FODMX Rev. 1.0.7
Typical Performance Curves
Fig. 1 Forward Current vs. Forward Voltage
VF - Forward Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
10
100
T
A = 110
oC
70
oC
25
oC
0
oC
-40
oC
Fig. 2 Collector-Emitter Saturation Voltage vs.
Ambient Temperature (FODM121/2701/2705)
TA - Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
IF = 10mA
IC = 2mA
IF = 8mA
IC = 2.4mA
Fig. 3 Current Transfer Ratio vs. Forward Current
(FODM121/2701/2705)
IF - Forward Current (mA)
0.1
1
10
100
10
100
TA = 25
oC
VCE = 5V
VCE = 10V
Fig. 4 Collector Current vs. Forward Current
(FODM121/2701/2705)
IF - Forward Current (mA)
0.1
1
10
100
0.1
1
10
100
TA = 25
oC
VCE = 5V
VCE = 10V
Fig. 5 Collector Current vs. Ambient Temperature
(FODM121/2701/2705)
TA - Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0.01
0.1
1
10
100
VCE = 5V
IF = 0.5mA
IF = 1mA
IF = 5mA
IF = 10mA
IF = 25mA
Fig. 6 Collector Current vs. Collector-Emitter
Voltage
(FODM121/2701/2705)
VCE - Collector-Emitter Voltage (V)
02468
10
0
10
20
30
40
TA = 25
oC
IF = 50mA
IF = 1mA
IF = 5mA
IF = 10mA
IF = 20mA
IF = 30mA
IF = 40mA


Similar Part No. - FODM121D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM121D FAIRCHILD-FODM121D Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results

Similar Description - FODM121D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com