Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RW2-2405D Datasheet(PDF) 1 Page - Recom International Power

Part # RW2-2405D
Description  2 Watt DIP16 & SMD Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RW2-2405D Datasheet(HTML) 1 Page - Recom International Power

  RW2-2405D Datasheet HTML 1Page - Recom International Power RW2-2405D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
1
02-April-2007
Part Number
Input
Rated Output
Output Current
Efficiency
Capacitive
Voltage Range
Voltage
Full Load
typ./nom Vin
Load max.
DIP16
(VDC)
(VDC)
(mA)
(%)
µF
RW2-053.3S (H2/H3)
4.5 - 9
3.3
500
68
1000
RW2-0505S (H2/H3)
4.5 - 9
5
400
73
1000
RW2-0509S (H2/H3)
4.5 - 9
9
222
74
470
RW2-0512S (H2/H3)
4.5 - 9
12
166
75
220
RW2-0515S (H2/H3)
4.5 - 9
15
134
75
100
RW2-123.3S (H2/H3)
9 - 18
3.3
500
69
1000
RW2-1205S (H2/H3)
9 - 18
5
400
75
1000
RW2-1209S (H2/H3)
9 - 18
9
222
78
470
RW2-1212S (H2/H3)
9 - 18
12
166
80
220
RW2-1215S (H2/H3)
9 - 18
15
134
80
100
RW2-243.3S (H2/H3)
18 - 36
3.3
500
70
1000
RW2-2405S (H2/H3)
18 - 36
5
400
78
1000
RW2-2409S (H2/H3)
18 - 36
9
222
81
470
RW2-2412S (H2/H3)
18 - 36
12
166
83
220
RW2-2415S (H2/H3)
18 - 36
15
134
83
100
RW2-483.3S (H2/H3)
36 - 72
3.3
500
73
1000
RW2-4805S (H2/H3)
36 - 72
5
400
76
1000
RW2-4809S (H2/H3)
36 - 72
9
222
79
470
RW2-4812S (H2/H3)
36 - 72
12
166
81
220
RW2-4815S (H2/H3)
36 - 72
15
134
81
100
RW2-053.3D (H2/H3)
4.5 - 9
±3.3
±250
68
±470
RW2-0505D (H2/H3)
4.5 - 9
±5
±200
73
±470
RW2-0509D (H2/H3)
4.5 - 9
±9
±111
74
±220
RW2-0512D (H2/H3)
4.5 - 9
±12
±83
75
±100
RW2-0515D (H2/H3)
4.5 - 9
±15
±67
75
±47
RW2-123.3D (H2/H3)
9 - 18
±3.3
±250
69
±470
RW2-1205D (H2/H3)
9 - 18
±5
±200
75
±470
RW2-1209D (H2/H3)
9 - 18
±9
±111
78
±220
RW2-1212D (H2/H3)
9 - 18
±12
±83
80
±100
RW2-1215D (H2/H3)
9 - 18
±15
±67
80
±47
RW2-243.3D (H2/H3)
18 - 36
±3.3
±250
70
±470
RW2-2405D (H2/H3)
18 - 36
±5
±200
78
±470
RW2-2409D (H2/H3)
18 - 36
±9
±111
81
±220
RW2-2412D (H2/H3)
18 - 36
±12
±83
83
±100
RW2-2415D (H2/H3)
18 - 36
±15
±67
83
±47
RW2-483.3D (H2/H3)
36 - 72
±3.3
±250
73
±470
RW2-4805D (H2/H3)
36 - 72
±5
±200
78
±470
RW2-4809D (H2/H3)
36 - 72
±9
±111
81
±220
RW2-4812D (H2/H3)
36 - 72
±12
±83
83
±100
RW2-4815D (H2/H3)
36 - 72
±15
±67
83
±47
Standard Isolation is 1kVDC. Add suffix /H2 for 2kVDC Isolation, /H3 for 3kVDC Isolation.
Add suffix “/SMD” for SMD Package e.g. RW2-0505S/H3/SMD
2 Watt
DIP16 & SMD
Single & Dual
Output
ECONOLINE
DC/DC-Converter
RW2
Series
2:1 Wide Range Voltage Input
1kVDC, 2kVDC and 3kVDC Isolation
UL94V-0 Package Material
Continuous Short Circuit Protection
Low Ripple and Noise
DIP16 and SMD Versions Available
Efficiency to 83%
Features
Regulated
Converters
Selection Guide
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
Derating-Graph
(Ambient Temperature)


Similar Part No. - RW2-2405D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RW2-2405D RECOM-RW2-2405D Datasheet
114Kb / 2P
   2 Watt DIP16,Mini DIP16 & SMD Single & Dual Output
RW2-2405D RECOM-RW2-2405D Datasheet
102Kb / 2P
   2:1 Wide Range Voltage Input
More results

Similar Description - RW2-2405D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RW2-053.3S RECOM-RW2-053.3S_10 Datasheet
114Kb / 2P
   2 Watt DIP16,Mini DIP16 & SMD Single & Dual Output
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
   2 Watt SMD Single & Dual Output
RTS-053.3 RECOM-RTS-053.3_06 Datasheet
109Kb / 3P
   2 Watt SMD Single & Dual Output
RTS-123.3 RECOM-RTS-123.3 Datasheet
97Kb / 3P
   2 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R2S-0505P ETC2-R2S-0505P Datasheet
140Kb / 4P
   2 Watt SMD Single Dual Output
logo
Recom International Pow...
R2S-R2D RECOM-R2S-R2D Datasheet
139Kb / 4P
   2 Watt SMD Single & Dual Output
R2S RECOM-R2S Datasheet
127Kb / 4P
   2 Watt SMD Single & Dual Output
R2S-0512 RECOM-R2S-0512 Datasheet
140Kb / 4P
   2 Watt SMD Single Dual Output
R2M RECOM-R2M Datasheet
943Kb / 6P
   2 Watt DIP8 & SMD Single & Dual Output
REV.: 2/2023
R2SX RECOM-R2SX Datasheet
584Kb / 6P
   2 Watt SMD Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com