Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3124F Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM3124F
Description  250mA CMOS Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3124F Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM3124F Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3124F Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MITSUMI
USB Series "Mini-AB" Connectors
CAM-E43ASF · E43ADF · E43SDF
1. Ultra-small size realized for 5 pins.
Volume as compared to conventional Mitsumi
product : 1/5
Coupling projection area ratio : 1/4
2. It is the most suitable for connection with PC
peripheral equipment with slim PCs, PDAs,
mobile phones and so on.
3. Utilizes a sequential function that slides power
supply and signal contact connection timing.
4. Couple/decouple reliability ensured for 5,000
times.
5. Weight : 0.6g
6. Supports USB 2.0 (on-the-Go).
Connectors
1. CAM-E43ASF
E43ASF-005-7013A
12
3
1 Series No. (E43ASF)
2 No. of contacts (005 : 5pins)
3 Running No. assigned by us
2. CAM-E43ADF
E43ADF-005-9024A
12
3
1 Series No. (E43ADF)
2 No. of contacts (005 : 5pins)
3 Running No. assigned by us
3. CAM-E43SDF
E43SDF-005-8555A
12
3
1 Series No. (E43SDF)
2 No. of contacts (005 : 5pins)
3 Running No. assigned by us
Rated Voltage
AC 5V (rms)
Rated Current
1.0A
Withstanding Voltage
AC 100V (rms) 1minute
Insulation Resistance
100M
Ω min. (AC500V)
Contact Resistance
50m
Ω max.
ELECTRICAL CHARACTERISTICS
Life (Matching Cycle)
5,000 times
Total Insertion Force
35N (3.57kgf) max.
Total Withdrawal Force
Beginning 7N (0.71kgf) min.
After 5,000 times 3N (0.31kgf) min.
MECHANICAL CHARACTERISTICS
FEATURES
HOW TO ORDER
SPECIFICATIONS
(SMT type)
CAM-E43ASF
(DIP type)
CAM-E43ADF
(DIP with Shield)
CAM-E43SDF


Similar Part No. - MM3124F

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
   Audio Power Amplifier
More results

Similar Description - MM3124F

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
logo
ACE Technology Co., LTD...
ACE521 ACE-ACE521 Datasheet
680Kb / 10P
   250mA CMOS Low consumption Linear Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
logo
List of Unclassifed Man...
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
logo
Lowpower Semiconductor ...
LP2202 POWER-LP2202 Datasheet
389Kb / 8P
   250mA,Dual Channel Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com