Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSZ-0805 Datasheet(PDF) 2 Page - Recom International Power

Part # RSZ-0805
Description  1 Watt SMD Miniature Isolated Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSZ-0805 Datasheet(HTML) 2 Page - Recom International Power

  RSZ-0805 Datasheet HTML 1Page - Recom International Power RSZ-0805 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
27
July-2006
Typical Characteristics
RSZ/P
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
Total Output current (%)
40
Efficiency / Load
60%
80%
20%
20
60
80
243.3
123.3
053.3
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
2405
1205
0505
Total Output current (%)
Package Style and Pinning (mm)
3rd angle
projection
10 PIN Single SMD Package
11.80
Bottom View
0.55
Top View
15.24
7.05
14.84
2.54x4
9.00
1.65
10
7
2
4 5
10.00
9.00
9.30
8.60
RECOM
RSZ-xxxx
xxxx
1
2.54
12.70
1.80
10
7
24
15
1.20
1.20
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
2412
1212
0512
Total Output current (%)
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
2414
0514
1214
Total Output current (%)
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Function
1
–Vin
2
+Vin
4-Vout
5
-Vout
7+Vout
10
NC
NC= No Connection
Specifications (Core Operating Area)
Package Weight
2.7g
P-Suffix
2.6g
MTBF (+25°C)
using MIL-HDBK 217F RSZ types
1210 x 10
3 hours
RSZ/P types
1688 x 10
3 hours
(+70°C)
using MIL-HDBK 217F RSZ types
149 x 10
3 hours
RSZ/P types
418 x 10
3 hours
RSZ-xx05/P
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
3.305
1205
0505
2405
Total Output current (%)
RSZ-xx05
RSZ-xx3.3/P
RSZ-xx14
RSZ-xx12
Recommended Footprint Details
Detailed Information see
Application Notes chapter "MTBF"
}


Similar Part No. - RSZ-0805

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSZ-xx05 RECOM-RSZ-xx05 Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ-xx05/P RECOM-RSZ-xx05/P Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ-xx09 RECOM-RSZ-xx09 Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ-xx12 RECOM-RSZ-xx12 Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ-xx3.3/P RECOM-RSZ-xx3.3/P Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
More results

Similar Description - RSZ-0805

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1Z RECOM-R1Z Datasheet
88Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ RECOM-RSZ_10 Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
R1SE RECOM-R1SE_15 Datasheet
99Kb / 2P
   1 Watt SMD Isolated Single Output
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ-0505S RECOM-RZ-0505S_06 Datasheet
81Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ RECOM-RZ_10 Datasheet
95Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R1SE RECOM-R1SE Datasheet
227Kb / 3P
   1 Watt SMD Single Output
R1SX RECOM-R1SX Datasheet
447Kb / 6P
   1 Watt SMD Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com