Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RU-1.83.33.3P Datasheet(PDF) 3 Page - Recom International Power

Part # RU-1.83.33.3P
Description  1 Watt SIP7 Isolated Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RU-1.83.33.3P Datasheet(HTML) 3 Page - Recom International Power

  RU-1.83.33.3P Datasheet HTML 1Page - Recom International Power RU-1.83.33.3P Datasheet HTML 2Page - Recom International Power RU-1.83.33.3P Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
49
July-2006
Package Style and Pinning (mm)
RU
Series
ECONOLINE
DC/DC-Converter
1.27
0.25
15.24
2.0
10.20
0.51 typ.
4.10
0.51 typ.
RECOM
RU-050505
****
12
5
RECOM
RU-050505
****
6
4
19.60
Top View
Bottom View
7
2.54
1.00ø+0.15/–0
2.54
6.00
3rd angle
projection
Recommended Footprint Details
7 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
1
+Vin
2
–Vin
4
+Vout 1
5
–Vout 1
6
+Vout 2
7
–Vout 2


Similar Part No. - RU-1.83.33.3P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RU-1.83.33.3 RECOM-RU-1.83.33.3 Datasheet
96Kb / 3P
   1 Watt SIP7 Isolated Dual Output
More results

Similar Description - RU-1.83.33.3P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RU-1.81.81.8 RECOM-RU-1.81.81.8 Datasheet
96Kb / 3P
   1 Watt SIP7 Isolated Dual Output
RUZ RECOM-RUZ Datasheet
97Kb / 3P
   2 Watt SIP7 Isolated Dual Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
RUZ-053.33.3 RECOM-RUZ-053.33.3_06 Datasheet
90Kb / 3P
   2 Watt SIP7 Isolated Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
   1 Watt SIP7 Single & Dual Output
RB-XX3.3S RECOM-RB-XX3.3S Datasheet
126Kb / 3P
   1 Watt SIP7 Single & Dual Output
RK-H6 RECOM-RK-H6_18 Datasheet
951Kb / 5P
   1 Watt SIP7 Single and Dual Output
RD-XX05D RECOM-RD-XX05D Datasheet
99Kb / 2P
   Watt SIP7 Dual Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com