Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SBU3157 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7SBU3157
Description  Low Voltage SPDT Analog Switch with 2V Undershoot Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SBU3157 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7SBU3157_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
Capacitance (Note 12)
Note 12: TA 25qC, f 1 MHz, Capacitance is characterized but not tested in production.
Undershoot Characteristic (Note 13)
Note 13: This test is intended to characterize the device’s protective capabilities by maintaining output signal integrity during an input transient voltage undershoot event.
FIGURE 1.
Device Test Conditions
Transient
Input Voltage (VIN) Waveform
Symbol
Parameter
Typ
Max
Units
Conditions
Figure
Number
CIN
Control Pin Input Capacitance
2.3
pF
VCC 0V
CIO-B
B Port Off Capacitance
6.5
pF
VCC 5.0V
Figure 8
CIOA-ON
A Port Capacitance When Switch Is Enabled
18.5
pF
VCC 5.0V
Figure 9
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOUTU
Output Voltage During Undershoot
2.5
VOH - 0.3
V
Figure 1
Parameter
Value
Units
VIN
see Waveform
V
R1 R2
100K
:
VTRI
7.0
V
VCC
5.5
V


Similar Part No. - NC7SBU3157_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
More results

Similar Description - NC7SBU3157_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157 Datasheet
127Kb / 10P
   TinyLogic. Low Voltage UHS SPDT Analog Switch with .2V Undershoot Protection
logo
Texas Instruments
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
TS5A623157 TI-TS5A623157 Datasheet
738Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
logo
Fairchild Semiconductor
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384 Datasheet
241Kb / 6P
   20-Bit Low Power Bus Switch with -2V Undershoot Protection
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com