Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL062NR2 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HCPL062NR2
Description  3.3V Dual Channel High Speed-10 MBit/s Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL062NR2 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HCPL062NR2 Datasheet HTML 1Page - Fairchild Semiconductor HCPL062NR2 Datasheet HTML 2Page - Fairchild Semiconductor HCPL062NR2 Datasheet HTML 3Page - Fairchild Semiconductor HCPL062NR2 Datasheet HTML 4Page - Fairchild Semiconductor HCPL062NR2 Datasheet HTML 5Page - Fairchild Semiconductor HCPL062NR2 Datasheet HTML 6Page - Fairchild Semiconductor HCPL062NR2 Datasheet HTML 7Page - Fairchild Semiconductor HCPL062NR2 Datasheet HTML 8Page - Fairchild Semiconductor HCPL062NR2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
www.fairchildsemi.com
HCPL062N Rev. 1.0.0
Transfer Characteristics (TA = -40°C to +85°C Unless otherwise specified.)
Isolation Characteristics (TA = -40°C to +85°C Unless otherwise specified.)
Notes:
3. All typical values are at VCC = 3.3V, TA = 25°C unless otherwise specified.
4. tPLH – Propagation delay is measured from the 3.75 mA level on the HIGH to LOW transition of the input current
pulse to the 1.5V level on the LOW to HIGH transition of the output voltage pulse.
5. tPHL – Propagation delay is measured from the 3.75 mA level on the LOW to HIGH transition of the input current
pulse to the 1.5V level on the HIGH to LOW transition of the output voltage pulse.
6. tr – Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output pulse.
7. tf – Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output pulse.
8. CMH – The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the high
state (i.e., VOUT > 2.0 V). Measured in volts per microsecond (V/µs).
9. CML – The maximum tolerable rate of fall of the common mode voltage to ensure the output will remain in the low
output state (i.e., VOUT < 0.8 V). Measured in volts per microsecond (V/µs).
10. Device considered a two-terminal device: Pins 1,2,3 and 4 shorted together, and Pins 5,6,7 and 8 shorted together.
11. The power supply bypass capacitors must be no further than 3mm from the leads of the optocoupler. A low
inductance ground plane width of with
≤ 5nHy of series lead inductance is required.
Symbol
DC Characteristics
Test Conditions
Min.
Typ.(3)
Max.
Unit
VOL
Low Level Output Voltage
VCC = 3.3V, IF = 5mA, IOL = 13mA
0.6
V
IFT
Input Threshold Current
VCC = 3.3V, VO = 0.6V, IOL = 13mA
5
mA
Symbol
Characteristics
Test Conditions
Min.
Typ.(3)
Max.
Unit
II-O
Input-Output
Insulation Leakage Current
Relative humidity = 45%
TA = 25°C, t = 5 sec.
VI-O = 3000 VDC, Note 10
––
1.0
µA
VISO
Withstand Insulation Test
Voltage
RH < 50%, TA = 25°C
II-O ≤ 2µA, t = 1 min.,
Note 10
2500
VRMS
RI-O
Resistance (Input to Output)
VI-O = 500V, Note 10
1012
CI-O
Capacitance (Input to Output)
f = 1MHz, Note 10
0.6
pF


Similar Part No. - HCPL062NR2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
616Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL062NR2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD260L FAIRCHILD-FOD260L_11 Datasheet
789Kb / 19P
   3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
FOD260L FAIRCHILD-FOD260L Datasheet
789Kb / 19P
   3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com