Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV-0524DP Datasheet(PDF) 3 Page - Recom International Power

Part # RV-0524DP
Description  2 Watt DIP24 Miniature Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RV-0524DP Datasheet(HTML) 3 Page - Recom International Power

  RV-0524DP Datasheet HTML 1Page - Recom International Power RV-0524DP Datasheet HTML 2Page - Recom International Power RV-0524DP Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Typical Characteristics
RV
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1212
0512
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1215
0515
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0512
0.000
5.000
10.000
15.000
20.000
25.000
1212
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0515
0.000
5.000
10.000
15.000
20.000
25.000
1215
RV-xx12D
RV-xx15D
Package Style and Pinning (mm)
Bottom View
Top View
Single & Dual Output
24 23
17 16 15 14 13
12
11
10
9
8
2
1
16.95max.
0.25
11.40
0.60
0.50±0.05
15.24
4.10
2.54 x 11
14.70
32.35 max.
RECOM
RV-0505S
****
16.10
12
11
10
9
8
2
1
24 23
17 16 15 14 13
2.54
2.54
1.0ø+0.15/–0
3rd angle
projection
Recommended Footprint Details
24 PIN DIP Miniature Package Style
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
1
+Vin
2
-Vin
8, 9, 11, 14
NC
10, 15
-Vout
12 & 13
+Vout
16, 17, 23, 24
NC
NC = No Connection
Pin Connections
Pin #
Dual
1
+Vin
2
-Vin
8, 17
-Vout
9, 11, 14,16, 23, 24
NC
10 & 15
Com
12, 13
+Vout
NC = No Connection
July-2006
93
www.recom-international.com


Similar Part No. - RV-0524DP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RV-0524D RECOM-RV-0524D Datasheet
108Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
More results

Similar Description - RV-0524DP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RV-33S RECOM-RV-33S Datasheet
108Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
REC1.5-053.3SR RECOM-REC1.5-053.3SR Datasheet
80Kb / 2P
   1.5/1.8 Watt DIP24 miniature & SMD Single Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com