Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R860PF2 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # R860PF2
Description  8A, 600V Stealth??Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

R860PF2 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  R860PF2 Datasheet HTML 1Page - Fairchild Semiconductor R860PF2 Datasheet HTML 2Page - Fairchild Semiconductor R860PF2 Datasheet HTML 3Page - Fairchild Semiconductor R860PF2 Datasheet HTML 4Page - Fairchild Semiconductor R860PF2 Datasheet HTML 5Page - Fairchild Semiconductor R860PF2 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©2003 Fairchild Semiconductor Corporation
ISL9R860PF2 Rev. A
Test Circuits and Waveforms
Figure 12. trr Test Circuit
Figure 13. trr Waveforms and Definitions
Figure 14. Avalanche Energy Test Circuit
Figure 15. Avalanche Current and Voltage
Waveforms
RG
L
VDD
MOSFET
CURRENT
SENSE
DUT
VGE
t1
t2
VGE AMPLITUDE AND
t1 AND t2 CONTROL IF
RG CONTROL dIF/dt
+
-
dt
dIF
IF
trr
ta
tb
0
IRM
0.25 IRM
DUT
CURRENT
SENSE
+
LR
VDD
R < 0.1
EAVL = 1/2LI
2 [V
R(AVL)/(VR(AVL) - VDD)]
Q1 = IGBT (BVCES > DUT VR(AVL))
-
Q1
I = 1A
L = 40mH
VDD = 50V
IV
t0
t1
t2
IL
VAVL
t
IL


Similar Part No. - R860PF2

ManufacturerPart #DatasheetDescription
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
logo
REYCONNS CHINA LIMITED
R868 REYCONNS-R868 Datasheet
177Kb / 5P
   SAW Resonator
R868 REYCONNS-R868 Datasheet
180Kb / 5P
   SAW Resonator
R868 REYCONNS-R868 Datasheet
197Kb / 5P
   SAW Resonator
R868 REYCONNS-R868 Datasheet
188Kb / 5P
   SAW Resonator
More results

Similar Description - R860PF2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
ISL9860PF2 SAMSUNG-ISL9860PF2 Datasheet
142Kb / 6P
   8A, 600V Stealth Diode
logo
Fairchild Semiconductor
ISL9R860P2 FAIRCHILD-ISL9R860P2 Datasheet
129Kb / 6P
   8A, 600V Stealth??Diode
ISL9860PF2 FAIRCHILD-ISL9860PF2 Datasheet
142Kb / 6P
   8A, 600V Stealth Diode
ISL9R860P2 FAIRCHILD-ISL9R860P2_09 Datasheet
330Kb / 8P
   8A, 600V Stealth??Diode
ISL9K860P3 FAIRCHILD-ISL9K860P3 Datasheet
144Kb / 6P
   8A, 600V Stealth??Dual Diode
ISL9R8120P2 FAIRCHILD-ISL9R8120P2 Datasheet
145Kb / 6P
   8A, 1200V Stealth??Diode
ISL9K8120P3 FAIRCHILD-ISL9K8120P3 Datasheet
140Kb / 6P
   8A, 1200V Stealth??Dual Diode
ISL9R1560S3S FAIRCHILD-ISL9R1560S3S Datasheet
131Kb / 7P
   15A, 600V Stealth??Diode
ISL9R460PF2 FAIRCHILD-ISL9R460PF2_09 Datasheet
671Kb / 7P
   4A, 600V Stealth??Diode
FF1N30HS60DD FAIRCHILD-FF1N30HS60DD Datasheet
166Kb / 6P
   30A, 600V Stealth Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com