Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA79L05AZ Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA79L05AZ
Description  3-Terminal 0.1A Negative Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA79L05AZ Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KA79L05AZ Datasheet HTML 2Page - Fairchild Semiconductor KA79L05AZ Datasheet HTML 3Page - Fairchild Semiconductor KA79L05AZ Datasheet HTML 4Page - Fairchild Semiconductor KA79L05AZ Datasheet HTML 5Page - Fairchild Semiconductor KA79L05AZ Datasheet HTML 6Page - Fairchild Semiconductor KA79L05AZ Datasheet HTML 7Page - Fairchild Semiconductor KA79L05AZ Datasheet HTML 8Page - Fairchild Semiconductor KA79L05AZ Datasheet HTML 9Page - Fairchild Semiconductor KA79L05AZ Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
KA79LXXA
6
Electrical Characteristics(KA79L18A) (Continued)
(VI = -27V, IO = 40mA, CI = 0.33
µF, CO = 0.1µF, 0°C ≤TJ ≤ +125°C, unless otherwise specified)
Note
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25
°C
-17.3 -18.0
-18.7
V
Line Regulation (Note1)
∆VO
TJ = +25
°C
-20.7V
≥ VI ≥ -33V
-
-
325
mV
-21V
≥ VI ≥ -33V
-
-
275
mV
Load Regulation (Note1)
∆VO
TJ = +25
°C
1.0mA
≤ IO ≤ 100mA
-
-
170
mV
1.0mA
≤ IO ≤ 40mA
-
-
85
mV
Output Voltage
VO
-20.7V
> VI > -33V, 1.0mA ≤ IO ≤ 40mA -17.1
-
-18.9
V
VI = -27V, 1.0mA
≤ IO ≤ 70mA
-17.1
-
-18.9
V
Quiescent Current
IQ
TJ = +25
°C-
-
6.5
mA
TJ = +125
°C-
-
6.0
Quiescent Current
Change
With Line
∆IQ
-21V
≥ VI ≥ -33V
-
-
1.5
mA
With Load
∆IQ
1.0mA
≤ IO ≤ 40mA
-
-
0.1
mA
Output Noise Voltage
VN
TA =+25
°C,10Hz ≤ f ≤ 100kHz
-
150
-
µV
Ripple Rejection
RR
f = 120Hz, -23V
≥ VI ≥ -33V
TJ = +25
°C
33
48
-
dB
Dropout Voltage
VD
TJ = +25
°C-
1.7
-
V


Similar Part No. - KA79L05AZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79L05AZ FAIRCHILD-KA79L05AZ Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
KA79L05AZ FAIRCHILD-KA79L05AZ Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
More results

Similar Description - KA79L05AZ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com